Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP640FESD Datasheet (PDF) - Infineon Technologies AG

BFP640FESD Datasheet PDF - Infineon Technologies AG
Part # BFP640FESD
Download  BFP640FESD Download
File Size   1642.77 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Robust Low Noise Silicon Germanium Bipolar RF Transistor

BFP640FESD Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP640FESD Datasheet PDF - Infineon Technologies AG

Part # BFP640FESD
Download  BFP640FESD Click to download

File Size   1642.77 Kbytes
Page   28 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Robust Low Noise Silicon Germanium Bipolar RF Transistor

BFP640FESD Datasheet (HTML) - Infineon Technologies AG


BFP640FESD Product details

Product Brief
The BFP640FESD is a very low noise wideband NPN bipolar RF transistor. The device is based on Infineon’s reliable high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports voltages up to VCEO = 4.1 V and currents up to IC = 50 mA. The device is especially suited for mobile applications in which low power consumption is a key requirement. The typical transition frequency is approximately 46 GHz, hence the device offers high power gain at frequencies up to 10 GHz in amplifier applications. The transistor is fitted with internal protection circuits, which enhance the robustness against electrostatic discharge (ESD) and high levels of RF input power. The device is housed in a thin small flat plastic package with visible leads.

Features
• Robust very low noise amplifier based on Infineon´s
   reliable, high volume SiGe:C wafer technology
• 2 kV ESD robustness (HBM) due to integrated protection circuits
• High maximum RF input power of 21 dBm
• 0.6 dB minimum noise figure typical at 1.5 GHz,
   0.65 dB at 2.4 GHz, 6 mA
• 28.5 dB maximum gain Gms typical at 1.5 GHz,
   25 dB Gms at 2.4 GHz, 30 mA
• 26 dBm OIP3 typical at 2.4 GHz, 30 mA
• Thin small flat Pb-free (RoHS compliant) and halogen-free package
   with visible leads
• Qualification report according to AEC-Q101 available

Applications
As Low Noise Amplifier (LNA) in
• Mobile portable and fixed connectivity applications: WLAN 802.11a/b/g/n, WiMAX 2.5 / 3.5 / 5 GHz, UWB, Bluetooth
• Satellite communication systems: Navigation systems (GPS, Glonass), satellite radio (SDARs, DAB) and C-band LNB
• Multimedia applications such as mobile / portable TV, CATV, FM radio
• 3G/4G UMTS/LTE mobile phone applications
• ISM applications like RKE, AMR and Zigbee, as well as for emerging wireless applications
As discrete active mixer, amplifier in VCOs and buffer amplifier




Similar Part No. - BFP640FESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP640F INFINEON-BFP640F Datasheet
249Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-31
BFP640F INFINEON-BFP640F Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
BFP640F INFINEON-BFP640F_07 Datasheet
249Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-31
BFP640F INFINEON-BFP640F_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.0, 2015-03-13
More results


Similar Description - BFP640FESD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP740 INFINEON-BFP740_15 Datasheet
1Mb / 28P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2015-01-20
BFR840L3RHESD INFINEON-BFR840L3RHESD Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-09
BFP842ESD INFINEON-BFP842ESD Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-04-11
BFP840FESD INFINEON-BFP840FESD Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-04-03
BFP840ESD INFINEON-BFP840ESD Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-03-28
BFP740FESD INFINEON-BFP740FESD_12 Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-11
BFP740ESD INFINEON-BFP740ESD_12 Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-08
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP720 INFINEON-BFP720_12 Datasheet
1Mb / 25P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-19
BFP640ESD INFINEON-BFP640ESD_12 Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-09-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com