Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65213 Datasheet (PDF) - Cypress Semiconductor

CY7C65213 Datasheet PDF - Cypress Semiconductor
Part # CY7C65213
Download  CY7C65213 Download
File Size   2393.55 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description USB-UART LP Bridge Controller

CY7C65213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C65213 Datasheet PDF - Cypress Semiconductor

Part # CY7C65213
Download  CY7C65213 Click to download

File Size   2393.55 Kbytes
Page   29 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description USB-UART LP Bridge Controller

CY7C65213 Datasheet (HTML) - Cypress Semiconductor


CY7C65213 Product details

Functional Overview
CY7C65213/CY7C65213A is a fully integrated USB-to-UART bridge that provides a simple method to upgrade UART-based devices to USB with a minimal number of components. CY7C65213/CY7C65213A includes a USB 2.0 Full-Speed controller, a UART transceiver, an internal regulator, an internal oscillator, and a 512-byte flash in a 32-pin QFN and 28-pin SSOP package.
The internal flash is used to store custom-specific USB descriptors and GPIO configuration. This is done in-system using a configuration utility that communicates over the USB interface.
Cypress provides royalty-free Virtual COM Port (VCP) device drivers. The drivers allow the device to appear as a COM port in PC applications. All UART signals, including handshaking and control signals, are implemented.

Features
■ USB 2.0 certified, Full-Speed (12 Mbps)
   ❐ Supports communication driver class (CDC), personal health care device class (PHDC), and vendor-device class
   ❐ Battery charger detection (BCD) compliant with USB Battery Charging Specification Rev. 1.2 (peripheral detect only)
   ❐ Integrated USB termination resistors
■ Single-channel configurable UART interfaces
   ❐ Supports 2-pin, 4-pin, 6-pin, 8-pin UART interface
   ❐ Data rates up to 3 Mbps
   ❐ 256 bytes for each transmit and receive buffer
   ❐ Data format:
      • 7 or 8 data bits
      • 1 or 2 stop bits
      • No parity, even, odd, mark, or space parity
   ❐ Supports parity, overrun, and framing errors
   ❐ Supports flow control using CTS, RTS, DTR, DSR
   ❐ Supports UART break signal
   ❐ CY7C65213 supports single channel RS232/RS422 interfaces whereas CY7C65213A supports RS232/RS422/RS485 interfaces
■ General-purpose input/output (GPIO): 8 pins
■ Supports unique serial number feature for each device, which fixes the COM port number permanently when USB-UART LP Bridge controller device plugs in
■ Configuration utility (Windows) to configure the following:
   ❐ Vendor ID (VID), Product ID (PID), and Product and Manufacturer descriptors
   ❐ UART
   ❐ Charger detection
   ❐ GPIO
■ Driver support for VCOM and DLL
   ❐ Windows 10: 32- and 64-bit versions
   ❐ Windows 8.1: 32- and 64-bit versions
   ❐ Windows 8: 32- and 64-bit versions
   ❐ Windows 7: 32- and 64-bit versions
   ❐ Windows Vista: 32- and 64-bit versions
   ❐ Windows XP: 32- and 64-bit versions
   ❐ Windows CE
   ❐ Mac OS-X: 10.6, and later versions
   ❐ Linux: Kernel version 2.6.35 and later versions
   ❐ Android: Gingerbread and later versions
■ 512-byte flash for storing configuration parameters
■ Clocking: Integrated 48-MHz clock oscillator
■ USB suspend mode for low power
■ Supports bus-/self-powered configurations
■ Compatible with USB 2.0 and USB 3.0 host controllers
■ Operating voltage: 1.71 to 5.50 V
■ Operating temperature:
   ❐ Commercial: 0 °C to 70 °C
   ❐ Industrial: –40 °C to 85 °C
■ ESD protection: 2.2-kV HBM
■ RoHS-compliant package
   ❐ 28-pin SSOP (10 × 7.5 × 1.65 mm, 0.65-mm pitch)
   ❐ 32-pin QFN (5 × 5 × 1 mm, 0.5-mm pitch)
■ Ordering part number
   ❐ CY7C65213-28PVXI
   ❐ CY7C65213-32LTXI
   ❐ CY7C65213A-28PVXI
   ❐ CY7C65213A-32LTXI

Applications
■ Blood glucose meter
■ Battery-operated devices
■ USB-to-UART cables
■ Enables USB connectivity in legacy peripherals with UART
■ Point-of-Sale (POS) terminals
■ Industrial and T&M (Test and Measurement) devices




Similar Part No. - CY7C65213

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65210 CYPRESS-CY7C65210 Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210-24LTXI CYPRESS-CY7C65210-24LTXI Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210-24LTXIT CYPRESS-CY7C65210-24LTXIT Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210A CYPRESS-CY7C65210A Datasheet
278Kb / 19P
USB Billboard Controller
CY7C65210A-24LTXI CYPRESS-CY7C65210A-24LTXI Datasheet
278Kb / 19P
USB Billboard Controller
More results


Similar Description - CY7C65213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
UART-to- USB Bridge Controller
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
USB-to-UART Bridge Controller
logo
Silicon Laboratories
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
Single-Chip USB to UART Bridge
logo
Pericom Semiconductor C...
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
UART Bridge Controller
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
UART to USB bridge
06-Feb-2014
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com