Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK110 Datasheet (PDF) - Sangdest Microelectronic (Nanjing) Co., Ltd

SK110 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd
Part # SK110
Download  SK110 Download
File Size   193.61 Kbytes
Page   6 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Reverse battery protection

SK110 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK110 Datasheet PDF - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SK110
Download  SK110 Click to download

File Size   193.61 Kbytes
Page   6 Pages
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd
Description Reverse battery protection

SK110 Datasheet (HTML) - Sangdest Microelectronic (Nanjing) Co., Ltd


SK110 Product details

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 30A Peak
● For Use in Low Voltage Applications
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O
● Green Products in Compliance with the RoHS Directive
● This is a Pb - Free Device
● All SMC parts are traceable to the wafer lot
● Additional testing can be offered upon request




Similar Part No. - SK110

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK110 MOSPEC-SK110 Datasheet
217Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
logo
Surge Components
SK110 SURGE-SK110 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
logo
Jinan Gude Electronic D...
SK110 JGD-SK110 Datasheet
299Kb / 4P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
SK110 MCC-SK110 Datasheet
619Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
logo
Microsemi Corporation
SK110 MICROSEMI-SK110 Datasheet
94Kb / 2P
1 Amp Schottky Rectifier
More results


Similar Description - SK110

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
Reverse battery protection
12CTQ035 SMC-12CTQ035 Datasheet
202Kb / 6P
Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
Reverse battery protection
STF10150C SMC-STF10150C Datasheet
262Kb / 5P
Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
Reverse battery protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com