| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NLAS5123
|
123Kb / 9P |
SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0 |
 Fairchild Semiconductor |
FSA2367
|
102Kb / 2P |
Low RON (0.75ohm) Triple-SPDT, Negative-Swing Audio Source Switch
|
 ON Semiconductor |
NLAS4157
|
91Kb / 10P |
SPDT, 1 ohm RON Switch
July, 2005 ??Rev. 2 |
|
NLAS4783
|
86Kb / 10P |
Triple SPDT 1.0 ohm RON Switch
October, 2005 ??Rev. 1 |
|
NLAS4783B
|
85Kb / 10P |
Triple SPDT 1.0 ohm RON Switch
March, 2006 ??Rev. 0 |
|
NLAS5123-06
|
175Kb / 9P |
SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1 |
|
NLASB3157
|
98Kb / 10P |
SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9 |
|
NLAS5123
|
155Kb / 10P |
SPDT, 1 RON Switch
November, 2010 ??Rev. 4 |
|
NLAS4157
|
125Kb / 8P |
SPDT, 1 RON Switch
May, 2012 ??Rev. 3 |
|
NLAS4783B
|
152Kb / 11P |
Triple SPDT 1.0 ohm RON Switch
July, 2008 ??Rev. 1 |