Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMA8201SF Datasheet (PDF) - List of Unclassifed Manufacturers

OMA8201SF Datasheet PDF - List of Unclassifed Manufacturers
Part # OMA8201SF
Download  OMA8201SF Download
File Size   18.48 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE

OMA8201SF Datasheet (PDF)

Go To PDF Page Download Datasheet
OMA8201SF Datasheet PDF - List of Unclassifed Manufacturers

Part # OMA8201SF
Download  OMA8201SF Click to download

File Size   18.48 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE

OMA8201SF Datasheet (HTML) - List of Unclassifed Manufacturers


OMA8201SF Product details

[Omnirel]

DESCRIPTION
The OMA8201SF is a high performance hybrid integrated circuit which contains two (2) uncommitted power amplifiers and two (2) high power sense resistors. The device is ideally suited for high density and high reliability systems. The sense resistor can be customized for specific applications, however Rmin 20 m .

FEATURES
• Dual Op Amps - Uncommitted
• Dual Sense Resistors - Uncommitted
• Output Current To 10A Peak
• Power Supply To ±40V
• FET Input
• Hermetic Package - Isolated Devices
• Available Screened To MIL-STD-883




Similar Part No. - OMA8201SF

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
OMA160 CLARE-OMA160 Datasheet
134Kb / 6P
Single Pole OptoMOS Relay
OMA160 CLARE-OMA160 Datasheet
317Kb / 5P
Single Pole OptoMOS짰 Relay
logo
IXYS Corporation
OMA160 IXYS-OMA160 Datasheet
122Kb / 7P
Single Pole OptoMOS Relay
logo
Clare, Inc.
OMA160S CLARE-OMA160S Datasheet
134Kb / 6P
Single Pole OptoMOS Relay
OMA160S CLARE-OMA160S Datasheet
317Kb / 5P
Single Pole OptoMOS짰 Relay
More results


Similar Description - OMA8201SF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4556A NJRC-NJM4556A Datasheet
239Kb / 5P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
OPA501 BURR-BROWN-OPA501 Datasheet
100Kb / 6P
High Current, High Power OPERATIONAL AMPLIFIER
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
High Current, High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA541SK ETC-OMA541SK Datasheet
59Kb / 4P
HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA511 BURR-BROWN-OPA511 Datasheet
65Kb / 6P
High Current-High Power OPERATIONAL AMPLIFIER
logo
Agamem Microelectronic ...
AA4556 AGAMEM-AA4556 Datasheet
99Kb / 4P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
3308 UTC-3308_09 Datasheet
250Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
3308 UTC-3308_15 Datasheet
253Kb / 6P
DUAL HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com