Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLASHWAVE7600 Datasheet (PDF) - Fuji Electric

FLASHWAVE7600 Datasheet PDF - Fuji Electric
Part # FLASHWAVE7600
Download  FLASHWAVE7600 Download
File Size   833.73 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)

FLASHWAVE7600 Datasheet (PDF)

Go To PDF Page Download Datasheet
FLASHWAVE7600 Datasheet PDF - Fuji Electric

Part # FLASHWAVE7600
Download  FLASHWAVE7600 Click to download

File Size   833.73 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description The FLASHWAVE 7600 Dense Wavelength Division Multiplexing (DWDM)

FLASHWAVE7600 Datasheet (HTML) - Fuji Electric


FLASHWAVE7600 Product details

Innovations Lower Total Cost of Ownership

The FLASHWAVE® 7600 Dense Wavelength Division Multiplexing (DWDM), global transport solution is one of the most efficient investments for regional long haul networks and single ultra long spans. The high-density design with reduced power and space requirements makes the FLASHWAVE 7600 platform the ideal solution to economically deploy low channel count systems.

Our solution helps break the barriers to entry into optical networking with several key features including:
• Scalability to greater than 1 Tbps of capacity
• Support for regional long haul links greater than 600km
• Support for single ultra long spans exceeding 200km
• Reduced initial turn-up and provisioning with Self Tuning Networks
• Minimization of periodic maintenance with Self Tuning Networks
• Optimized for all fiber types




Similar Part No. - FLASHWAVE7600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLASH-SHIELD-201118 ETC-FLASH-SHIELD-201118 Datasheet
33Kb / 1P
FLASH-SHIELD-201118
logo
ams AG
FLASH6-C3 AMSCO-FLASH6-C3 Datasheet
243Kb / 9P
ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
FLASH6_C3 AMSCO-FLASH6_C3 Datasheet
243Kb / 9P
ANALOG IP BLOCK FLASH6 - CMOS 6-Bit FLASH A/D CONVERTER
logo
AAEON Technology
FLASHDISK AAEON-FLASHDISK Datasheet
123Kb / 1P
100% IDE standard compatible, Compact Flash Specification standard
logo
Microsemi Corporation
FLASHPRO5 MICROSEMI-FLASHPRO5 Datasheet
166Kb / 2P
FlashPro5 Device Programmer Quickstart Card
July 2014
More results


Similar Description - FLASHWAVE7600

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
WDM-1AD125601 JDSU-WDM-1AD125601 Datasheet
170Kb / 4P
100 GHz Dense Wavelength Division Multiplexer (DWDM) Add/Drop Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
Coarse Wavelength-division Multiplexer
2925 EMCORE-2925 Datasheet
67Kb / 2P
Dense Wave Division Multiplexing (DWDM)
6925WM-SDSP EMCORE-6925WM-SDSP_10 Datasheet
65Kb / 2P
Coarse Wave Division Multiplexing
logo
OPLINK Communications I...
AWGM5-S0154 OPLINK-AWGM5-S0154 Datasheet
272Kb / 2P
Planar Waveguide Dense Wavelength Division Multiplexer/Demultiplexer
DWDMG1_48CH OPLINK-DWDMG1_48CH Datasheet
283Kb / 2P
Oplink?셲 100GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
DWDMG2_48CH OPLINK-DWDMG2_48CH Datasheet
283Kb / 2P
Oplink?셲 200GHz Dense Wavelength Division Multiplexer is based on patented athermal platform for optical device.
logo
Hamamatsu Corporation
G9201 HAMAMATSU-G9201_15 Datasheet
295Kb / 9P
Image sensor for DWDM wavelength monitor
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com