Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM636165TS Datasheet (PDF) - Etron Technology, Inc.

EM636165TS Datasheet PDF - Etron Technology, Inc.
Part # EM636165TS
Download  EM636165TS Download
File Size   489.84 Kbytes
Page   52 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1M x 16 bit Synchronous DRAM (SDRAM)

EM636165TS Datasheet (PDF)

Go To PDF Page Download Datasheet
EM636165TS Datasheet PDF - Etron Technology, Inc.

Part # EM636165TS
Download  EM636165TS Click to download

File Size   489.84 Kbytes
Page   52 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 1M x 16 bit Synchronous DRAM (SDRAM)

EM636165TS Datasheet (HTML) - Etron Technology, Inc.


EM636165TS Product details

Overview

The EM636165 SDRAM is a high-speed CMOS synchronous DRAM containing 16 Mbits. It is internally configured as a dual 512K word x 16 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 512K x 16 bit banks is organized as 2048 rows by 256 columns by 16 bits. Read and write accesses to the SDRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a BankActivate command which is then followed by a Read or Write command.

The EM636165 provides for programmable Read or Write burst lengths of 1, 2, 4, 8, or full page, with a burst termination option. An auto precharge function may be enabled to provide a self-timed row precharge that is initiated at the end of the burst sequence. The refresh functions, either Auto or Self Refresh are easy to use. By having a programmable mode register, the system can choose the most suitable modes to maximize its performance. These devices are well suited for applications requiring high memory bandwidth and particularly well suited to high performance PC applications



Features

· Fast access time: 4.5/5/5/5.5/6.5/7.5 ns

· Fast clock rate: 200/183/166/143/125/100 MHz

· Self refresh mode: standard and low power

· Internal pipelined architecture

· 512K word x 16-bit x 2-bank

· Programmable Mode registers

   - CAS# Latency: 1, 2, or 3

   - Burst Length: 1, 2, 4, 8, or full page

   - Burst Type: interleaved or linear burst

   - Burst stop function

· Individual byte controlled by LDQM and UDQM

· Auto Refresh and Self Refresh

· 4096 refresh cycles/64ms

· CKE power down mode

· JEDEC standard +3.3V±0.3V power supply

· Interface: LVTTL

· 50-pin 400 mil plastic TSOP II package

· 60-ball, 6.4x10.1mm VFBGA package

· Lead Free Package available for both TSOP II and VFBGA



 




Similar Part No. - EM636165TS

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165TS-10 ETRON-EM636165TS-10 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-10I ETRON-EM636165TS-10I Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-10I/10IG ETRON-EM636165TS-10I/10IG Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-5 ETRON-EM636165TS-5 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-55 ETRON-EM636165TS-55 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
More results


Similar Description - EM636165TS

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
1M x 16 bit Synchronous DRAM
logo
Etron Technology, Inc.
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
16M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
4M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
8M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
16M x 16 bit Synchronous DRAM (SDRAM)
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
1M x 16 bit Synchronous DRAM (SDRAM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com