Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-25A010A Datasheet (PDF) - Seiko Instruments Inc

S-25A010A Datasheet PDF - Seiko Instruments Inc
Part # S-25A010A
Download  S-25A010A Download
File Size   1810.99 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-25A010A Datasheet (PDF)

Go To PDF Page Download Datasheet
S-25A010A Datasheet PDF - Seiko Instruments Inc

Part # S-25A010A
Download  S-25A010A Click to download

File Size   1810.99 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description Write protect function during the low power supply voltage

S-25A010A Datasheet (HTML) - Seiko Instruments Inc


S-25A010A Product details

FOR AUTOMOTIVE 125°C OPERATION SPI SERIAL E2PROM

This IC is a SPI serial E2PROM which operates under the high temperature, at high speed, with the wide range operation for automotive components. This IC has the capacity of 1 K-bit, 2 K-bit, 4 K-bit and the organization of 128 words × 8-bit, 256 words × 8-bit, 512 words × 8-bit. Page write and Sequential read are available.

Features
• Operating voltage range
   Read: 2.5 V to 5.5 V
   Write: 2.5 V to 5.5 V
• Operation frequency: 6.5 MHz max.
• Write time: 4.0 ms max.
• SPI mode (0, 0) and (1, 1)
• Page write: 16 bytes / page
• Sequential read
• Write protect: Software, Hardware
   Protect area: 25%, 50%, 100%
• Monitoring of a write memory state by the status register
• Function to prevent malfunction by monitoring clock pulse
• Write protect function during the low power supply voltage
• CMOS schmitt input ( CS , SCK, SI, WP , HOLD )
• Endurance*1: 106 cycle / word*2 (Ta = +25°C)
                          5 × 105 cycle / word*2 (Ta = +125°C)
• Data retention: 100 years (Ta = +25°C)
                             50 years (Ta = +125°C)
• Memory capacity
   S-25A010A: 1 K-bit
   S-25A020A: 2 K-bit
   S-25A040A: 4 K-bit
• Initial delivery state: FFh, BP1 = 0, BP0 = 0
• Burn-in specification: Wafer level burn-in
• Operation temperature range: Ta = −40°C to +125°C
• Lead-free (Sn 100%), halogen-free*3
• AEC-Q100 qualified*4

*1. Refer to "■ Endurance" for details.
*2. For each address (Word: 8-bit)
*3. Refer to "■ Product Name Structure" for details.
*4. Contact our sales office for details.




Similar Part No. - S-25A010A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-25A010A ABLIC-S-25A010A Datasheet
524Kb / 35P
FOR AUTOMOTIVE 125째C OPERATION SPI SERIAL E2PROM
Rev.5.2_02
More results


Similar Description - S-25A010A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
Write protect function during the low power supply voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com