Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9011 Datasheet (PDF) - SUNMATE electronic Co., LTD

S9011 Datasheet PDF - SUNMATE electronic Co., LTD
Part # S9011
Download  S9011 Download
File Size   504.48 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SILICON EPITAXIAL PLANAR TRANSISTOR

S9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9011 Datasheet PDF - SUNMATE electronic Co., LTD

Part # S9011
Download  S9011 Click to download

File Size   504.48 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SILICON EPITAXIAL PLANAR TRANSISTOR

S9011 Datasheet (HTML) - SUNMATE electronic Co., LTD


S9011 Product details

Features
• Collector Current.(IC= 30mA)
• Power dissipation.(PC=200mW)

Mechanical Data
• Case: SOT-23, Molded Plastic
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagrams
• Approx. Weight: 0.008 grams




Similar Part No. - S9011

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Galaxy Semi-Conductor H...
S9011 BILIN-S9011 Datasheet
156Kb / 2P
NPN Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S9011 DAYA-S9011 Datasheet
823Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
S9011 WINNERJOIN-S9011 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
Diode Semiconductor Kor...
S9011 DSK-S9011 Datasheet
167Kb / 2P
NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - S9011

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com