| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
IPD65R400CE
|
1Mb / 15P |
650V CoolMOS짧 CE Power Transistor
Rev. 2.0 2016-02-26 |
|
IPD65R1K5CE
|
969Kb / 14P |
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-24 |
|
IPD65R1K0CE
|
969Kb / 14P |
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-26 |
|
IPS65R650CE
|
986Kb / 14P |
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-25 |
|
IPS65R400CE
|
1Mb / 15P |
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-02-23 |
|
IPN65R1K5CE
|
1Mb / 13P |
650V CoolMOS짧 CE Power Transistor
Rev.2.0,2016-04-29 |
|
IPD60R2K1CE
|
1Mb / 14P |
600V CoolMOS짧 CE Power Transistor
2016-03-31 |
|
IPD60R1K5CE
|
1Mb / 14P |
600V CoolMOS짧 CE Power Transistor
2016-03-31 |
|
IPD50R3K0CE
|
1Mb / 14P |
500V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-06-13 |
|
IPS65R1K0CE
|
1Mb / 14P |
650V CoolMOS짧 CE Power Transistor
2016-03-31 |