Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC273A Datasheet (PDF) - ON Semiconductor

74HC273A Datasheet PDF - ON Semiconductor
Part # 74HC273A
Download  74HC273A Download
File Size   96.86 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D Flip-Flop with Common Clock and Reset

74HC273A Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC273A Datasheet PDF - ON Semiconductor

Part # 74HC273A
Download  74HC273A Click to download

File Size   96.86 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal D Flip-Flop with Common Clock and Reset

74HC273A Datasheet (HTML) - ON Semiconductor


74HC273A Product details

Octal D Flip-Flop with Common Clock and Reset
High−Performance Silicon−Gate CMOS

The MC74HC273A is identical in pinout to the LS273. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
This device consists of eight D flip−flops with common Clock and Reset inputs. Each flip−flop is loaded with a low−to−high transition of the Clock input. Reset is asynchronous and active low.

Features
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 μA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7 A
• Chip Complexity: 264 FETs or 66 Equivalent Gates
• NLV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - 74HC273A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273 PHILIPS-74HC273 Datasheet
58Kb / 8P
Octal D-type flip-flop with reset; positive-edge trigger
September 1993
logo
System Logic Semiconduc...
74HC273 SLS-74HC273 Datasheet
49Kb / 5P
Octal D Flip-Flop with Common Clock and Reset
logo
NXP Semiconductors
74HC273 NXP-74HC273 Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74HC273 NEXPERIA-74HC273 Datasheet
279Kb / 17P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
More results


Similar Description - 74HC273A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC273 SLS-SL74HC273 Datasheet
49Kb / 5P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
Motorola, Inc
MC54HC273A MOTOROLA-MC54HC273A Datasheet
111Kb / 7P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74AC273 KODENSHI-KK74AC273 Datasheet
283Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
KK74LV273 KODENSHI-KK74LV273 Datasheet
337Kb / 7P
Octal D Flip-Flop with Common Clock and Reset
logo
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_11 Datasheet
155Kb / 9P
Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com