Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3308F Datasheet (PDF) - Rohm

BA3308F Datasheet PDF - Rohm
Part # BA3308F
Download  BA3308F Download
File Size   583.09 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Preamps with Built-in ALC

BA3308F Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3308F Datasheet PDF - Rohm

Part # BA3308F
Download  BA3308F Click to download

File Size   583.09 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Preamps with Built-in ALC

BA3308F Datasheet (HTML) - Rohm


BA3308F Product details

● Description

The BA3308F/FV is a dual preamplifier for recording and playback with ALC (auto level control), developed for stereo radio, cassette recorders, tape recorders, and other pre amplifiers audio applications. ALC circuit has a build in rectification circuit with wide adjustable dynamic range, high gain, low distortion amplifiers with direct coupling and mute circuit, used to cut off pop noise during power on. Available in SOP14, or SSOP-B14 Packages.



● Features

1) Built-in ALC rectification diode

2) Wide operating power supply voltage range (VCC=4.5~14 V)

3) Low current consumption (IQ=3.5mA)

4) High gain (GVO=80dB)

5) Low distortion (THD=0.1%)

6) Low noise (VNIN=1 μVrms)

7) Input coupling capacitor not needed

8) Good ALC channel balance

9) Built-in power supply mute circuit

10) Dynamic range of ALC can be changed by attaching input resistance.



● Applications

Stereo radio, cassette tape recorders, stereo cassette decks, home stereos, music centers, etc.




Similar Part No. - BA3308F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308F ROHM-BA3308F Datasheet
172Kb / 8P
Dual preamplifier with ALC
BA3308F ROHM-BA3308F Datasheet
121Kb / 3P
Monolithic IGs
BA3308F ROHM-BA3308F Datasheet
262Kb / 6P
Pre-amplifier bulit-in ALC
BA3308F ROHM-BA3308F Datasheet
344Kb / 10P
Preamps with Built-in ALC
BA3308F ROHM-BA3308F Datasheet
421Kb / 10P
Preamps with Built-in ALC
More results


Similar Description - BA3308F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
Recording amplifier with built-in ALC for headphone stereos
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4564 AKM-AK4564 Datasheet
382Kb / 48P
16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
16bit CODEC with built-in ALC and MIC/HP-Amp
logo
Rohm
BA3308F ROHM-BA3308F_10 Datasheet
344Kb / 10P
Preamps with Built-in ALC
BA3308F ROHM-BA3308F_11 Datasheet
421Kb / 10P
Preamps with Built-in ALC
logo
Hamamatsu Corporation
G7754-01 HAMAMATSU-G7754-01_15 Datasheet
178Kb / 3P
Infrared detector modules with preamps
G6121 HAMAMATSU-G6121_15 Datasheet
217Kb / 5P
Infrared detector modules with preamps
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
Dual equalizer amplifier with a built-in ALC circuit
logo
Princeton Technology Co...
PT2833 PTC-PT2833 Datasheet
224Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor and ALC
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com