Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8402 Datasheet (PDF) - Toshiba Semiconductor

TPC8402 Datasheet PDF - Toshiba Semiconductor
Part # TPC8402
Download  TPC8402 Download
File Size   719.84 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)

TPC8402 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8402 Datasheet PDF - Toshiba Semiconductor

Part # TPC8402
Download  TPC8402 Click to download

File Size   719.84 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (MOSVI/U-MOSII)

TPC8402 Datasheet (HTML) - Toshiba Semiconductor


TPC8402 Product details

Lithium Ion Secondary Battery Applications
Notebook PCs
Portable Equipment Applications

● Low drain−source ON resistance
   : P Channel RDS (ON) = 27 mΩ (typ.)
     N Channel RDS (ON) = 37 mΩ (typ.)
● High forward transfer admittance
   : P Channel |Yfs| = 7 S (typ.)
     N Channel |Yfs| = 6 S (typ.)
● Low leakage current
   : P Channel IDSS = −10 µA (VDS = −30 V)
     N Channel IDSS = 10 µA (VDS = 30 V)
● Enhancement−mode
   : P Channel Vth = −0.8~ −2.0 V (VDS = −10 V, ID = −1mA)
     N Channel Vth = 0.8~2.0 V (VDS = 10 V, ID = 1mA)




Similar Part No. - TPC8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
309Kb / 11P
Field Effect Transistor Silicon P/N Channel MOS Type (P Channel U-MOSII/N Channel U-MOSII)
TPC8403 TOSHIBA-TPC8403 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8403 TOSHIBA-TPC8403_06 Datasheet
272Kb / 11P
Motor Drive Applications Notebook PC Applications Portable Equipment Applications
TPC8405 TOSHIBA-TPC8405 Datasheet
275Kb / 11P
Field Effect Transistor Silicon N, P Channel MOS Type (P Channel U−MOS IV/N Channel U-MOS III)
More results


Similar Description - TPC8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
SSM3J14T TOSHIBA-SSM3J14T Datasheet
179Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J13T TOSHIBA-SSM3J13T Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM3J334R TOSHIBA-SSM3J334R Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J328R TOSHIBA-SSM3J328R_14 Datasheet
235Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM6J501NU TOSHIBA-SSM6J501NU_14 Datasheet
212Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type(U-MOSVI)
SSM3J130TU TOSHIBA-SSM3J130TU_14 Datasheet
210Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com