Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC523 Datasheet (PDF) - Micross Components

HMC523 Datasheet PDF - Micross Components
Part # HMC523
Download  HMC523 Download
File Size   894.16 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Point and Point-to-Multi-Point Radio

HMC523 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC523 Datasheet PDF - Micross Components

Part # HMC523
Download  HMC523 Click to download

File Size   894.16 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Point-to-Point and Point-to-Multi-Point Radio

HMC523 Datasheet (HTML) - Micross Components


HMC523 Product details

General Description
The HMC523 is a compact I/Q MMIC mixer which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The chip utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated in a GaAs MESFET process. All data shown below is taken with the chip mounted in a 50 Ohm test fi xture and includes the effects of 1 mil diameter x 20 mil length bond wires on each port. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This product is a much smaller alternative to hybrid style Image Reject Mixers and Single Sideband Upconverter assemblies.

Features
   Wide IF Bandwidth: DC - 3.5 GHz
   Image Rejection: 27 dB
   LO to RF Isolation: 50 dB
   High Input IP3: +25 dBm
   Die Size: 1.49 x 1.14 x 0.1 mm

Typical Applications
The HMC523 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Digital Radio
• Military
• VSAT




Similar Part No. - HMC523

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC523 HITTITE-HMC523 Datasheet
330Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523 HITTITE-HMC523 Datasheet
247Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523LC4 HITTITE-HMC523LC4 Datasheet
323Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23 GHz
HMC523LC4 HITTITE-HMC523LC4 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23 GHz
HMC523LC4 HITTITE-HMC523LC4_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 15 - 23 GHz
More results


Similar Description - HMC523

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMWD124 APITECH-CMWD124 Datasheet
115Kb / 1P
Point to Point Radio Duplexer
CMWD120 APITECH-CMWD120 Datasheet
114Kb / 1P
Point to Point Radio Diplexer
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
Piont-to-Point and Point-to-Multi-Point Radios
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
HMC442 AD-HMC442 Datasheet
371Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com