Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBM673-L1N2-25 Datasheet (PDF) - OSRAM GmbH

LBM673-L1N2-25 Datasheet PDF - OSRAM GmbH
Part # LBM673-L1N2-25
Download  LBM673-L1N2-25 Download
File Size   584.51 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Automotive Interior Lighting

LBM673-L1N2-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBM673-L1N2-25 Datasheet PDF - OSRAM GmbH

Part # LBM673-L1N2-25
Download  LBM673-L1N2-25 Click to download

File Size   584.51 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Automotive Interior Lighting

LBM673-L1N2-25 Datasheet (HTML) - OSRAM GmbH


LBM673-L1N2-25 Product details

Features
• package: white SMT package, colorless clear resin
• feature of the device: small package for applications where small space is required
• wavelength: 471 nm (blue), 532 nm (true green)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaN
• optical efficiency: 2 lm/W (blue), 8 lm/W (true green)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 3000/reel, ø180 mm or 12000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D
• Superior Corrosion Robustness: details see page 10

Applications
• outdoor displays
• optical indicators
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard backlighting, etc.)
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LBM673-L1N2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBM673-L1N2-25-1 OSRAM-LBM673-L1N2-25-1 Datasheet
590Kb / 21P
Outdoor displays
logo
ams AG
LBM673-L1N2-25-1 AMSCO-LBM673-L1N2-25-1 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
More results


Similar Description - LBM673-L1N2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com