Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2096 Datasheet (PDF) - Rohm

D2096 Datasheet PDF - Rohm
Part # D2096
Download  D2096 Download
File Size   313.07 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TRANSISTOR NPN

D2096 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2096 Datasheet PDF - Rohm

Part # D2096
Download  D2096 Click to download

File Size   313.07 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TRANSISTOR NPN

D2096 Datasheet (HTML) - Rohm


D2096 Product details

Features
• available in HRT package
• low collector saturation voltage, typically VCE(sat) = 0.3 V at IC/IB = 2 A/ 0.2 A
• excellent current-to-gain characteristics
• large collector loss: Pc = 1.8 W
• wide safe operating area (SOA)

Applications
• low frequency power amplifier




Similar Part No. - D2096

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2090 ETC2-D2090 Datasheet
226Kb / 2P
4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
Rohm
D2091 ROHM-D2091 Datasheet
348Kb / 5P
TRANSISTOR NPN DARLINGTON
logo
Toshiba Semiconductor
D2092 TOSHIBA-D2092 Datasheet
228Kb / 4P
NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
logo
Savantic, Inc.
D2095 SAVANTIC-D2095 Datasheet
239Kb / 3P
Silicon NPN Power Transistors
logo
MicroPower Direct, LLC
D209ERU MPD-D209ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
More results


Similar Description - D2096

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com