Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108K Datasheet (PDF) - Hammond Manufacturing Ltd.

108K Datasheet PDF - Hammond Manufacturing Ltd.
Part # 108K
Download  108K Download
File Size   376.11 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

108K Datasheet (PDF)

Go To PDF Page Download Datasheet
108K Datasheet PDF - Hammond Manufacturing Ltd.

Part # 108K
Download  108K Click to download

File Size   376.11 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description MINIATURE EPOXY POTTED AUDIO TRANSFORMER

108K Datasheet (HTML) - Hammond Manufacturing Ltd.


108K Product details

MINIATURE EPOXY POTTED AUDIO TRANSFORMERS



Audio input, line matching and output transformers. 

Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length). 

In some models where no center tap is required (on secondary), pin No. 5 is omitted. 

Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased  

slightly at higher frequencies (except 107X).

Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.




Similar Part No. - 108K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108K HAMMOND-108K Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
logo
Illinois Capacitor, Inc...
108KBM010M ILLINOISCAPACITOR-108KBM010M Datasheet
412Kb / 3P
10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
108KBM010M ILLINOISCAPACITOR-108KBM010M Datasheet
280Kb / 2P
Radial Lead Aluminum Electrolytic Capacitors
108KBM010M ILLINOISCAPACITOR-108KBM010M Datasheet
185Kb / 2P
High Frequency Low Impedance/ESR,8000 to 10000 hours
108KBM010M ILLINOISCAPACITOR-108KBM010M Datasheet
179Kb / 2P
Long Life - High temperature ??RoHS Compliant
More results


Similar Description - 108K

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109J HAMMOND-109J Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109H HAMMOND-109H Datasheet
339Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109G HAMMOND-109G Datasheet
338Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109F HAMMOND-109F Datasheet
341Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
109E HAMMOND-109E Datasheet
343Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108N HAMMOND-108N Datasheet
368Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108L HAMMOND-108L_13 Datasheet
378Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108H HAMMOND-108H Datasheet
367Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
108E HAMMOND-108E Datasheet
366Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
107D HAMMOND-107D Datasheet
437Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com