Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4800 Datasheet (PDF) - Alpha Industries

AO4800 Datasheet PDF - Alpha Industries
Part # AO4800
Download  AO4800 Download
File Size   325.01 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4800 Datasheet PDF - Alpha Industries

Part # AO4800
Download  AO4800 Click to download

File Size   325.01 Kbytes
Page   6 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description Dual N-Channel Enhancement Mode Field Effect Transistor

AO4800 Datasheet (HTML) - Alpha Industries


AO4800 Product details

General Description

The AO4800 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in buck converters.



Features

  VDS (V) = 30V

  ID = 6.9A

  RDS(ON) < 27mΩ (VGS = 10V)

  RDS(ON) < 32mΩ (VGS = 4.5V)

  RDS(ON) < 50mΩ (VGS = 2.5V)



 




Similar Part No. - AO4800

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4800 AOSMD-AO4800 Datasheet
76Kb / 5P
Plastic Encapsulated Device
logo
VBsemi Electronics Co.,...
AO4800 VBSEMI-AO4800 Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4800 DOINGTER-AO4800 Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4800-HF KEXIN-AO4800-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com