Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOIC-8 Datasheet (PDF) - List of Unclassifed Manufacturers

SOIC-8 Datasheet PDF - List of Unclassifed Manufacturers
Part # SOIC-8
Download  SOIC-8 Download
File Size   228.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL OPERATIONAL AMPLIFIERS

SOIC-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SOIC-8 Datasheet PDF - List of Unclassifed Manufacturers

Part # SOIC-8
Download  SOIC-8 Click to download

File Size   228.87 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL OPERATIONAL AMPLIFIERS

SOIC-8 Datasheet (HTML) - List of Unclassifed Manufacturers


SOIC-8 Product details

[Advanced Analog Circuits]

General Description
The AZ4558 consists of two high performance operational amplifiers. The IC features high gain, high input resistance, excellent channel separation, wide range of operating voltage and internal frequency compensation. It is specifically suitable for applications in differential-in, differential-out as well as in potential-metric amplifiers and where gain and phase matched channels are mandatory. The AZ4558 contains ± 18Vmaximum power supply voltage.
The AZ4558 is available in DIP-8 or SOIC-8 package.

Features
• Internal frequency compensation
• Large DC voltage gain with 100 dB typical
• High input resistance with 5MΩ typical
• Low input noise voltage with 10nV/HZ
• Maximum power supply voltages: ± 18V
• Compatible with NJM 4558

Applications
• Audio AC-3 decoded system
• Audio amplifier




Similar Part No. - SOIC-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SOIC-8 ETC-SOIC-8 Datasheet
234Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Alpha & Omega Semicondu...
SOIC-8 AOSMD-SOIC-8 Datasheet
38Kb / 1P
ALL DIMENSIONS ARE IN MILLMETERS.
More results


Similar Description - SOIC-8

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
DUAL OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com