Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT861KRF Datasheet (PDF) - Synaptics Incorporated.

BT861KRF Datasheet PDF - Synaptics Incorporated.
Part # BT861KRF
Download  BT861KRF Download
File Size   1312.73 Kbytes
Page   111 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder

BT861KRF Datasheet (PDF)

Go To PDF Page Download Datasheet
BT861KRF Datasheet PDF - Synaptics Incorporated.

Part # BT861KRF
Download  BT861KRF Click to download

File Size   1312.73 Kbytes
Page   111 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder

BT861KRF Datasheet (HTML) - Synaptics Incorporated.


BT861KRF Product details

Multiport YCrCb to NTSC / PAL  / SECAM Digital Video Encoder



The Bt860/861 is a multiport digital video encoder with pixel synchronization and per-pixel blending capabilities. The three 8-bit YCrCb data ports allow for a variety of video and graphic overlay configurations useful in video set-top box applications. The Bt860/861 is specifically designed for video systems requiring composite, Y/C (S-Video), and simultaneous component YUV or RGB (SCART) video signals. Worldwide video standards are supported, including NTSC-M (N. America, Taiwan, Japan), PAL-B,D,G,H,I (Europe, Asia), PAL-M (Brazil), PAL-N (Uruguay, Paraguay),

PAL-Nc (Argentina), PAL-60, NTSC-443, and SECAM. The Bt860 and Bt861 are functionally identical except that the Bt861 can output the Macrovision 7.x anticopy algorithm.



Distinguishing Features

• Six 10-bit DACs with individual power management

• Simultaneous output of YUV, S-Video, and CVBS, or RGB (SCART), S-Video, and CVBS

• Current drive output DACs for superior video quality and reduced system cost

• Dynamic video load sensing for reduced power operation

• Three sharpness filter options (1,2,3.5 dB gain) and four reduction filter options

• Programmable adjustment of brightness, contrast, color saturation, and hue

• Glueless interface with a video decoder

• Three 8-bit YCrCb 4:2:2 inputs for overlay or blending

• ITU-R BT.656, ITU-R BT.601 digital video input options

• NTSC-M, PAL (B,D,G,H,I), PAL-M, PAL-N, NTSC-443, PAL-Nc, PAL-60 and SECAM video output

• 2x upsampling and internal filtering for reduced cost

• Master or slave video timing with programmable HSYNC* delay

• Interlaced/noninterlaced operation

• Macrovision 7.x copy protection (Bt861)

• Closed Captioning and Extended Data Services encoding

• Teletext encoding (WST system B)

• 400 kHz serial programming interface

• On-board voltage reference

• Reduced power modes

• Programmable luma delay (two channels)

• 3.3 V supply, 5 V-tolerant inputs

• Copy Generation Management System (CGMS) support

• VARIS-II and Wide Screen Signalling (WSS) multiple aspect ratio support

• Internal color bar generation

• Blue field generation

• 80-pin MQFP package



Applications

• Digital cable television systems

• Satellite TV receivers (DBS/DVB/DSS)

• DVD players

• Video CD players

• Digital cameras

• PC add-on cards

• Video editing




Similar Part No. - BT861KRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT861 ETC-BT861 Datasheet
416Kb / 4P
High-Performance Multisource Video for a Wide Range of Systems
More results


Similar Description - BT861KRF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV.A
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
YCrCb to NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com