Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2931AN-X Datasheet (PDF) - Advanced Monolithic Systems

AMS2931AN-X Datasheet PDF - Advanced Monolithic Systems
Part # AMS2931AN-X
Download  AMS2931AN-X Download
File Size   100.44 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description Battery Powered Systems

AMS2931AN-X Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2931AN-X Datasheet PDF - Advanced Monolithic Systems

Part # AMS2931AN-X
Download  AMS2931AN-X Click to download

File Size   100.44 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description Battery Powered Systems

AMS2931AN-X Datasheet (HTML) - Advanced Monolithic Systems


AMS2931AN-X Product details

GENERAL DESCRIPTION
The AMS2931 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 1mA or less when supplying 10mA loads. This unique characteristic and the extremely low input -output differential required for proper regulation (0.2V for output currents of 10mA) make the AMS2931 ideal to use for standby power systems.

FEATURES
• 5V and Adjustable Versions Available*
• Output Current in excess of 100mA
• Very Low Quiescent Current
• Reverse Battery Protection
• Input-output Differential less than 0.6V
• Short Circuit protection
• Internal Thermal Overload Protection
• 60V Load Dump Protection
• -50V Reverse Transient Protection
• Mirror Image Insertion Protection

APPLICATIONS
• Battery Powered Systems
• Portable Consumer Equipment
• Cordless Telephones
• Portable (Notebook) Computers
• Portable Instrumentation
• Radio Control Systems
• Automotive Electronics




Similar Part No. - AMS2931AN-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS2931AN-X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Advanced Monolithic Sys...
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com