Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT6JA2 Datasheet (PDF) - Rohm

UT6JA2 Datasheet PDF - Rohm
Part # UT6JA2
Download  UT6JA2 Download
File Size   2596.75 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -30V PchPch Middle Power MOSFET

UT6JA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT6JA2 Datasheet PDF - Rohm

Part # UT6JA2
Download  UT6JA2 Click to download

File Size   2596.75 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -30V PchPch Middle Power MOSFET

UT6JA2 Datasheet (HTML) - Rohm




Similar Part No. - UT6JA2

ManufacturerPart #DatasheetDescription
logo
Rohm
UT6J3 ROHM-UT6J3 Datasheet
2Mb / 12P
Small Surface Mount Package
UT6JB5 ROHM-UT6JB5 Datasheet
2Mb / 14P
-40V PchPch Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
-60V PchPch Power MOSFET
UT6JE5 ROHM-UT6JE5 Datasheet
2Mb / 14P
-100V PchPch Power MOSFET
20230322 - Rev.003
More results


Similar Description - UT6JA2

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8JA1 ROHM-QH8JA1 Datasheet
2Mb / 14P
-20V Pch Pch Middle Power MOSFET
SH8J31 ROHM-SH8J31 Datasheet
2Mb / 14P
-60V Pch Pch Middle Power MOSFET
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
Pch -30V -6A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
Pch -30V -2.5A Middle Power MOSFET
RQ3E075AT ROHM-RQ3E075AT Datasheet
2Mb / 13P
Pch -30V -18A Middle Power MOSFET
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
RRS050P03FRA ROHM-RRS050P03FRA Datasheet
2Mb / 14P
Pch -30V -5A Middle Power MOSFET
UT6MA2 ROHM-UT6MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com