Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMM-C110 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMM-C110 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMM-C110
Download  HSMM-C110 Download
File Size   206.98 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High brightness

HSMM-C110 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMM-C110 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMM-C110
Download  HSMM-C110 Click to download

File Size   206.98 Kbytes
Page   9 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High brightness

HSMM-C110 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSMM-C110 Product details

Description

These small chip-type LEDs utilize high efficient InGaN/SiC material to deliver competitively priced high performance blue and green. These 525 nm green and 470 nm blue are unique hues which provide color differentiation to a product.

These ChipLEDs come in either top emitting packages (HSMx-C170, C190, C191, and C150) or in a side emitting package (HSMx-C110 and HSMX-C120). The side emitting package is especially suitable for LCD backlighting application. The top emitting packages with their wide viewing angle are suitable for direct backlighting application or being used with light pipes. In order to facilitate pick and place operation, these ChipLEDs are shipped in tape and reel with 4000 units per reel for HSMx-C120, C170, C190, and C191 packages, and 3000 units per reel for HSMx-C110 and C150 packages. All packages are compatible with IR soldering and binned by both color and intensity.



Features

• High brightness

• Small size

• Industrial standard footprint

• Diffused optics

• Top emitting or right angle emitting

• Compatible with IR soldering

• Compatible for use with light piping

• Available in 8 mm tape on 7" diameter reel

• Reel sealed in zip locked moisture barrier bags



Applications

• LCD backlighting

• Pushbutton backlighting

• Front panel indicator

• Symbol indicator

• Microdisplays

• Small message panel signage



 




Similar Part No. - HSMM-C110

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMM-C110 HP-HSMM-C110 Datasheet
229Kb / 8P
SMT ChipLEDs
More results


Similar Description - HSMM-C110

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-51 ROHM-SML-51 Datasheet
134Kb / 3P
High Brightness Type
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
High brightness
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
High brightness
logo
STANLEY ELECTRIC CO.,LT...
EFR5365S STANLEY-EFR5365S Datasheet
271Kb / 1P
HIGH BRIGHTNESS COLOR
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
High brightness
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
high brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
High brightness
14-Oct-14
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
High brightness material
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
High brightness
logo
Roithner LaserTechnik G...
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
High brightness
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com