Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30J121 Datasheet (PDF) - Toshiba Semiconductor

30J121 Datasheet PDF - Toshiba Semiconductor
Part # 30J121
Download  30J121 Download
File Size   294.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT

30J121 Datasheet (PDF)

Go To PDF Page Download Datasheet
30J121 Datasheet PDF - Toshiba Semiconductor

Part # 30J121
Download  30J121 Click to download

File Size   294.93 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT

30J121 Datasheet (HTML) - Toshiba Semiconductor


30J121 Product details

High Power Switching Applications
Fast Switching Applications

• Fourth-generation IGBT
• Enhancement mode type
• Fast switching (FS): Operating frequency up to 50 kHz (reference)
    High speed: tf = 0.05 μs (typ.)
    Low switching loss : Eon = 1.00 mJ (typ.) : Eoff = 0.80 mJ (typ.)
• Low saturation voltage: VCE (sat) = 2.0 V (typ.)




Similar Part No. - 30J121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30J122 TOSHIBA-30J122 Datasheet
498Kb / 6P
4TH GENERATION IGBT CURRENT RESONANCE INVERTER SWITCHING
01-Nov-2006
30J122A TOSHIBA-30J122A Datasheet
199Kb / 7P
Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
30J124 TOSHIBA-30J124 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
30J126 TOSHIBA-30J126 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
AG Electronica
30J127 AGELECTRONICA-30J127 Datasheet
226Kb / 2P
MOSFET 600V 200A IGBT
More results


Similar Description - 30J121

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT20J101 TOSHIBA-GT20J101 Datasheet
259Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50G321 TOSHIBA-GT50G321 Datasheet
287Kb / 6P
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT50J325 TOSHIBA-GT50J325 Datasheet
170Kb / 7P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT8G132 TOSHIBA-GT8G132 Datasheet
338Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15Q311 TOSHIBA-GT15Q311 Datasheet
172Kb / 7P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15M321 TOSHIBA-GT15M321 Datasheet
269Kb / 6P
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT40G121 TOSHIBA-GT40G121 Datasheet
151Kb / 5P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M322 TOSHIBA-GT60M322 Datasheet
191Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M323 TOSHIBA-GT60M323 Datasheet
193Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT80J101B TOSHIBA-GT80J101B Datasheet
69Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
05-Jun-2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com