Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-002A-SMT Datasheet (PDF) - CUI INC

PJ-002A-SMT Datasheet PDF - CUI INC
Part # PJ-002A-SMT
Download  PJ-002A-SMT Download
File Size   259.35 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 2.0mm SURFACE MOUNT POWER JACK

PJ-002A-SMT Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-002A-SMT Datasheet PDF - CUI INC

Part # PJ-002A-SMT
Download  PJ-002A-SMT Click to download

File Size   259.35 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 2.0mm SURFACE MOUNT POWER JACK

PJ-002A-SMT Datasheet (HTML) - CUI INC




Similar Part No. - PJ-002A-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-002A CUI-PJ-002A Datasheet
267Kb / 3P
DC POWER JACK
logo
CUI Devices
PJ-002A CUID-PJ-002A Datasheet
403Kb / 3P
DC POWER JACK
08/16/2022
logo
List of Unclassifed Man...
PJ-002AH ETC1-PJ-002AH Datasheet
31Kb / 1P
DC POWER JACK
logo
CUI INC
PJ-002AH CUI-PJ-002AH Datasheet
263Kb / 3P
DC POWER JACK
logo
CUI Devices
PJ-002AH CUID-PJ-002AH Datasheet
295Kb / 3P
DC POWER JACK
10/30/2019
More results


Similar Description - PJ-002A-SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLA32C1 ETC2-SLA32C1 Datasheet
39Kb / 1P
2.0mm Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
SLASC1 CALIBER-SLASC1 Datasheet
44Kb / 1P
2.0mm Ceramic Surface Mount Crystal
logo
Switchcraft, Inc.
RAPC722 SWITCH-RAPC722 Datasheet
79Kb / 1P
POWER JACK, PC MOUNT 0.08 [2.0mm] PIN
RASH722 SWITCH-RASH722 Datasheet
138Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASH722P SWITCH-RASH722P Datasheet
144Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASM722 SWITCH-RASM722 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
RASM722P SWITCH-RASM722P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
logo
CUI INC
PJ-036A-SMT CUI-PJ-036A-SMT Datasheet
80Kb / 1P
2.0mm SURFACE MOUNT POWER JACK
PJ-037A-SMT CUI-PJ-037A-SMT Datasheet
86Kb / 1P
2.0mm SURFACE MOUNT POWER JACK
PJ-002B-SMT CUI-PJ-002B-SMT Datasheet
264Kb / 1P
2.5mm SURFACE MOUNT POWER JACK
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com