Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL020P02FRA Datasheet (PDF) - Rohm

RTL020P02FRA Datasheet PDF - Rohm
Part # RTL020P02FRA
Download  RTL020P02FRA Download
File Size   1133.74 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Pch MOSFET

RTL020P02FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RTL020P02FRA Datasheet PDF - Rohm

Part # RTL020P02FRA
Download  RTL020P02FRA Click to download

File Size   1133.74 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Pch MOSFET

RTL020P02FRA Datasheet (HTML) - Rohm


RTL020P02FRA Product details

Features
1) Low on-resistance. (180mΩ at 2.5V)
2) High power package.
3) High speed switching.
4) Low voltage drive. (2.5V)

Applications
    DC-DC converter




Similar Part No. - RTL020P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTL020P02 ROHM-RTL020P02 Datasheet
88Kb / 5P
DC-DC Converter (-20V, -2.0A)
More results


Similar Description - RTL020P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTU002P02 ROHM-RTU002P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
2.5V Drive NchPch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
2.5V Drive Pch MOSFET
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
2.5V Drive PchPch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
2.5V Drive NchPch MOSFET
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
2.5V Drive Nch Pch MOSFET
RTQ025P02FRA ROHM-RTQ025P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTQ035P02FHA ROHM-RTQ035P02FHA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTR020P02FRA ROHM-RTR020P02FRA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
2.5V Drive Pch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com