Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC298 Datasheet (PDF) - Hitachi Semiconductor

74HC298 Datasheet PDF - Hitachi Semiconductor
Part # 74HC298
Download  74HC298 Download
File Size   34.98 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input Multiplexers (with storage)

74HC298 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC298 Datasheet PDF - Hitachi Semiconductor

Part # 74HC298
Download  74HC298 Click to download

File Size   34.98 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input Multiplexers (with storage)

74HC298 Datasheet (HTML) - Hitachi Semiconductor


74HC298 Product details

Description

This circuit is controlled by the signals word select and clock. When the word select input is taken low word 1 (A1, B1, C1 and D 1) is presented to the inputs of the flip-flops, and when word select is high word 2 (A2, B 2, C2 and D2) is presented to the inputs of the flip-flops. The selected word is clocked to the output terminals on the negative edge of the clock pulse.



Features

• High Speed Operation: tpd (Clock to Q) = 19 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max




Similar Part No. - 74HC298

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
Quad. 2-input Multiplexers (with storage)
More results


Similar Description - 74HC298

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS298 MOTOROLA-SN54LS298 Datasheet
187Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH STORAGE
logo
NXP Semiconductors
74F298 PHILIPS-74F298 Datasheet
78Kb / 8P
Quad 2-input multiplexer with storage
1989 Aug 14
logo
Texas Instruments
SN54298 TI-SN54298 Datasheet
483Kb / 13P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
SN54LS399 TI-SN54LS399 Datasheet
144Kb / 12P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
logo
Hitachi Semiconductor
HD74AC298 HITACHI-HD74AC298 Datasheet
58Kb / 10P
Quad 2-Input Multiplexer with Storage
HD74HC298 HITACHI-HD74HC298 Datasheet
43Kb / 8P
Quad. 2-input Multiplexers (with storage)
HD74LS298 HITACHI-HD74LS298 Datasheet
64Kb / 6P
Quadruple 2-input Multiplexers(with storage)
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
Quad. 2-input Multiplexers (with storage)
logo
National Semiconductor ...
MM54C157 NSC-MM54C157 Datasheet
100Kb / 4P
Quad 2-Input Multiplexers
logo
Texas Instruments
SN54LS399 TI-SN54LS399_07 Datasheet
942Kb / 21P
QUADRUPLE 2-INPUT MULTIPLEXERS WITH STORAGE
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com