Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP3020 Datasheet (PDF) - COSMO Electronics Corporation

KP3020 Datasheet PDF - COSMO  Electronics Corporation
Part # KP3020
Download  KP3020 Download
File Size   404.29 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description HIGH RELIABLILTY PHOTOCOUPLER

KP3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
KP3020 Datasheet PDF - COSMO  Electronics Corporation

Part # KP3020
Download  KP3020 Click to download

File Size   404.29 Kbytes
Page   2 Pages
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation
Description HIGH RELIABLILTY PHOTOCOUPLER

KP3020 Datasheet (HTML) - COSMO Electronics Corporation


KP3020 Product details

KP SERIES

• A DIVERSE RANGE OF OPTOCOUPLERS, OFFERING 5,000V RMS ISOLATION
• MINIMUM 60% CURRENT TRANSFER RATIO, 600% FOR DARLINGTON OUTPUT
• PARTS SELECTED ACCORDING TO CURRENT TRANSFER RATIO
• FROM 4 TO 16 PIN SMD PACKAGE WITH 2.54mm PITCH
• KP1000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR OUTPUT
• KP2000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP3000: 1 TO 4 CHANNELS, AC INPUT, OPEN COLLECTOR OUTPUT
• KP4000: 1 TO 4 CHANNELS, DC INPUT, OPEN COLLECTOR DARLINGTON OUTPUT
• KP5000: 1 CHANNEL, DC INPUT, BASE CONNECTION TO OPEN COLLECTOR DARLINGTON OUTPUT
• KP6000: 1 CHANNEL, AC INPUT, BASE CONNECTION TO OPEN COLLECTOR OUTPUT
• KP7000: 1 CHANNEL, DC INPUT, AMPLIFIED OUTPUT WITH HYSTERESIS, BUILT IN PULL-UP RESISTOR GIVING TTL AND LS TTL COMPATIBLE OUTPUT
• FUNCTIONALLY EQUIVALENT TO INDUSTRY STANDARD PARTS FROM MOTOROLA, TOSHIBA, GE, SIEMENS, TELEFUNKEN, TEXAS INSTRUMENTS AND NEC




Similar Part No. - KP3020

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP30200ATL COSMO-KP30200ATL Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30200ATLD COSMO-KP30200ATLD Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30200ATR COSMO-KP30200ATR Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30200ATRU COSMO-KP30200ATRU Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP30200BTL COSMO-KP30200BTL Datasheet
286Kb / 11P
8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - KP3020

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160G COSMO-KTLP160G Datasheet
378Kb / 2P
HIGH RELIABILITY PHOTOCOUPLER
KTLP161G COSMO-KTLP161G Datasheet
383Kb / 2P
High Reliability Photocoupler
K3010H COSMO-K3010H_12 Datasheet
97Kb / 6P
High Reliability Photocoupler
K10101T COSMO-K10101T Datasheet
163Kb / 6P
High Reliability Photocoupler
K10103W COSMO-K10103W Datasheet
170Kb / 6P
High Reliability Photocoupler
KP2210 COSMO-KP2210_11 Datasheet
125Kb / 6P
High Reliability Photocoupler
KP4010 COSMO-KP4010_11 Datasheet
116Kb / 6P
High Reliability Photocoupler
KP5010H COSMO-KP5010H Datasheet
114Kb / 6P
High Reliability Photocoupler
KPC4N33H COSMO-KPC4N33H Datasheet
96Kb / 6P
High Reliability Photocoupler
KPC355NT COSMO-KPC355NT_12 Datasheet
116Kb / 6P
High Reliability Photocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com