Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE20 Datasheet (PDF) - Hongfa Technology

HFE20 Datasheet PDF - Hongfa Technology
Part # HFE20_17
Download  HFE20 Download
File Size   90.66 Kbytes
Page   7 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description 16A switching capability

HFE20 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFE20 Datasheet PDF - Hongfa Technology

Part # HFE20_17
Download  HFE20 Click to download

File Size   90.66 Kbytes
Page   7 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description 16A switching capability

HFE20 Datasheet (HTML) - Hongfa Technology




Similar Part No. - HFE20_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20-112-1DSD-L1-R HONGFA-HFE20-112-1DSD-L1-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-112-1DSD-L2-R HONGFA-HFE20-112-1DSD-L2-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-112-1DST-L1-R HONGFA-HFE20-112-1DST-L1-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-112-1DST-L2-R HONGFA-HFE20-112-1DST-L2-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-112-1HSD-L1-R HONGFA-HFE20-112-1HSD-L1-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
More results


Similar Description - HFE20_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE39 HONGFA-HFE39_17 Datasheet
68Kb / 5P
16A switching capabilty
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA1H TIANBO-TRA1H Datasheet
1Mb / 3P
16A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results




About Hongfa Technology


Hongfa Technology is a Chinese manufacturer of electrical components and equipment, including relays, switches, and sensors. The company was founded in 1984 and is headquartered in Xiamen, China.

Hongfa Technology's products are used in a wide range of industries, including automotive, telecommunications, home appliances, and industrial automation. The company's product portfolio includes a variety of relays, such as electromagnetic relays, solid-state relays, and automotive relays, as well as switches and sensors.

Hongfa Technology is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Hongfa Technology is recognized as a leading manufacturer of electrical components in China, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electrical components industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com