Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-513 Datasheet (PDF) - Kingbright Corporation

L-513 Datasheet PDF - Kingbright Corporation
Part # L-513
Download  L-513 Download
File Size   178.82 Kbytes
Page   6 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 2.5 X 5MM RECTANGULAR SOLID LAMPS

L-513 Datasheet (PDF)

Go To PDF Page Download Datasheet
L-513 Datasheet PDF - Kingbright Corporation

Part # L-513
Download  L-513 Click to download

File Size   178.82 Kbytes
Page   6 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 2.5 X 5MM RECTANGULAR SOLID LAMPS

L-513 Datasheet (HTML) - Kingbright Corporation


L-513 Product details

Features
● LOW POWER CONSUMPTION.
● RELIABLE AND RUGGED.
● EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
● SUITABLE FOR LEVEL INDICATOR.
● I.C COMPATIBLE.
● LONG LIFE - SOLID STATE RELIABILITY.




Similar Part No. - L-513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-511ED ETC1-L-511ED Datasheet
110Kb / 1P
5.0mm Dia FLANGELESS LED LAMP
L-511GD ETC1-L-511GD Datasheet
110Kb / 1P
5.0mm Dia FLANGELESS LED LAMP
L-511HD ETC1-L-511HD Datasheet
110Kb / 1P
5.0mm Dia FLANGELESS LED LAMP
L-511SRD ETC1-L-511SRD Datasheet
110Kb / 1P
5.0mm Dia FLANGELESS LED LAMP
L-511YD ETC1-L-511YD Datasheet
110Kb / 1P
5.0mm Dia FLANGELESS LED LAMP
More results


Similar Description - L-513

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
2.5 mm x 7.6 mm Rectangular LED Lamps
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
2.5 X 5MM RECTANGULAR SOLID LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
2 X 5 MM RECTANGULAR SOLID LAMPS
L-914 ETC-L-914 Datasheet
179Kb / 6P
RECTANGULAR SOLID LAMPS
L173 ETC-L173 Datasheet
163Kb / 5P
2.5 X 5 MM RECTANGULAR SOLID LAMPS
E914 ETC-E914 Datasheet
167Kb / 5P
2 x 3mm RECTANGULAR SOLID LAMPS
logo
Chicago Miniature Lamp,...
4306D CML-4306D Datasheet
25Kb / 1P
Solid State LED Lamps-Rectangular 2 x 5mm
CMD53123 CML-CMD53123 Datasheet
61Kb / 1P
2 x 5mm Rectangular LED Lamps
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
2.5 mm x 7.6 mm Rectangular LED Lamps
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com