Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX115EAX Datasheet (PDF) - Maxim Integrated Products

MAX115EAX Datasheet PDF - Maxim Integrated Products
Part # MAX115EAX
Download  MAX115EAX Download
File Size   215.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2x4-Channel, Simultaneous-Sampling 12-Bit ADCs

MAX115EAX Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX115EAX Datasheet PDF - Maxim Integrated Products

Part # MAX115EAX
Download  MAX115EAX Click to download

File Size   215.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2x4-Channel, Simultaneous-Sampling 12-Bit ADCs

MAX115EAX Datasheet (HTML) - Maxim Integrated Products


MAX115EAX Product details

General Description

The MAX115/MAX116 are high-speed, multichannel, 12-bit data-acquisition systems (DAS) with simultaneous track/holds (T/Hs). These devices contain a 12-bit, 2µs, successive-approximation analog-to-digital converter (ADC), a +2.5V reference, a buffered reference input, and a bank of four simultaneous-sampling T/H amplifiers that preserve the relative phase information of the sampled inputs. The MAX115/MAX116 have two multiplexed inputs for each T/H, allowing a total of eight inputs. In addition, the converter is overvoltage tolerant to ±17V. A fault condition on any channel will not damage the IC. Available input ranges are ±5V (MAX115) and ±2.5V (MAX116).



Features

♦Four Simultaneous-Sampling T/H Amplifiers with Two Multiplexed Inputs (Eight Single-Ended Inputs Total)

♦2µs Conversion Time per Channel

♦Throughput: 390ksps (1 Channel)

  218ksps (2 Channels)

  152ksps (3 Channels)

  116ksps (4 Channels)

♦Input Range: ± 5V (MAX115)

                   ± 2.5V (MAX116)

♦Fault-Protected Input Multiplexer (±17V)

♦Internal +2.5V or External Reference Operation

♦Programmable On-Board Sequencer

♦High-Speed Parallel DSP Interface

♦Internal 10MHz Clock



Applications

Multiphase Motor Control

Power-Grid Synchronization

Power-Factor Monitoring

Digital Signal Processing

Vibration and Waveform Analysis




Similar Part No. - MAX115EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115EVB16 MAXIM-MAX115EVB16 Datasheet
223Kb / 7P
Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
MAX115EVKIT MAXIM-MAX115EVKIT Datasheet
223Kb / 7P
Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
More results


Similar Description - MAX115EAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1 Datasheet
514Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
logo
Linear Technology
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com