Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K22FRA Datasheet (PDF) - Rohm

SP8K22FRA Datasheet PDF - Rohm
Part # SP8K22FRA
Download  SP8K22FRA Download
File Size   2714.13 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 45V NchNch Power MOSFET

SP8K22FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K22FRA Datasheet PDF - Rohm

Part # SP8K22FRA
Download  SP8K22FRA Click to download

File Size   2714.13 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 45V NchNch Power MOSFET

SP8K22FRA Datasheet (HTML) - Rohm




Similar Part No. - SP8K22FRA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - SP8K22FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ020N05TR ROHM-RTQ020N05TR Datasheet
524Kb / 12P
Nch 45V 2A Power MOSFET
QS6K21FRA ROHM-QS6K21FRA Datasheet
1Mb / 14P
Nch 45V 1A Power MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
45V NchNch Small Signal MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
Nch 45V 3A Middle Power MOSFET
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
Nch 45V 4A Power MOSFET
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
45V NchNch Power MOSFET
SP8M24FRA ROHM-SP8M24FRA Datasheet
4Mb / 23P
45V NchPch Power MOSFET
RD3H200SN ROHM-RD3H200SN Datasheet
2Mb / 16P
Nch 45V 20A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
Nch 45V 7A Power MOSFET
RD3H200SNFRA ROHM-RD3H200SNFRA Datasheet
2Mb / 15P
Nch 45V 20A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com