Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC13145FTA Datasheet (PDF) - Motorola, Inc

XC13145FTA Datasheet PDF - Motorola, Inc
Part # XC13145FTA
Download  XC13145FTA Download
File Size   231.61 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)

XC13145FTA Datasheet (PDF)

Go To PDF Page Download Datasheet
XC13145FTA Datasheet PDF - Motorola, Inc

Part # XC13145FTA
Download  XC13145FTA Click to download

File Size   231.61 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)

XC13145FTA Datasheet (HTML) - Motorola, Inc


XC13145FTA Product details

Low Power Integrated Receiver for ISM Band Applications

The MC13145 is a dual conversion integrated RF receiver intended for ISM band applications. It features a Low Noise Amplifier (LNA), two 50 Ω linear Mixers with linearity control, Voltage Controlled Oscillator (VCO), second LO amplifier, divide by 64/65 dual modulus Prescalar, split IF Amplifier and Limiter, RSSI output, Coilless FM/FSK Demodulator and power down control. Together with the transmit chip (MC13146) and the baseband chip (MC33410), a complete 900 MHz cordless phone system can be implemented. This device may be used in applications within 2.0 GHz since its RF bandwidth is greater than 2.4 GHz.

• Low (<1.8 dB @ 900 MHz) Noise Figure LNA with 14 dB Gain
• Externally Programmable Mixer linearity: IIP3 = 10(nom.) to +20 dBm (Mixer1); IIP3 = 10 (nom.) to 20 dBm (Mixer2)
• 50 Ω Mixer Input Impedance and Open Collector Output (Mixer 1 and Mixer 2); 50 Ω Second LO (LO2) Input Impedance
• Low Power 64/65 Dual Modulus Prescalar (MC12053 type)
• Split IF for Improved Filtering and Extended RSSI Range
• Internal 330 Ω Terminations for 10.7 MHz Filters
• Linear Coilless FM/FSK Demodulator with Externally Programmable Bandwidth, Center Frequency and Audio level
• 2.7 V to 6.5 V Operation, Low Current Drain (<30 mA @ 3.0 V) with Power Down Mode (<1.0 μA)
• 2.4 GHz RF, 1.0 GHz IF1 and 50 MHz IF2 Bandwidth




Similar Part No. - XC13145FTA

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
XC102 LG-XC102 Datasheet
12Mb / 59P
MICRO Hi-Fi SYSTEM
logo
List of Unclassifed Man...
XC103 ETC1-XC103 Datasheet
1Mb / 21P
Automatic Battery Charger
XC103W ETC1-XC103W Datasheet
1Mb / 21P
Automatic Battery Charger
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
Digital LCD Counter
logo
Suzhou HangJing Electro...
XC11M4 HANGJING-XC11M4 Datasheet
345Kb / 1P
QUARTZ CRYSTAL UNIT IN SMD 1.6X1.2MM CERAMIC SEAM SEAL PACKAGE
More results


Similar Description - XC13145FTA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD61009 AD-AD61009 Datasheet
261Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV.0
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Analog Devices
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6676 AD-AD6676 Datasheet
2Mb / 90P
Wideband IF Receiver Subsystem
REV. A
logo
Motorola, Inc
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Analog Devices
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
Wideband IF Receiver Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
UHF Wideband Receiver Subsystem
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com