Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB2-12NU Datasheet (PDF) - Kemet Corporation

EB2-12NU Datasheet PDF - Kemet Corporation
Part # EB2-12NU
Download  EB2-12NU Download
File Size   1213.91 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Electronic switching systems

EB2-12NU Datasheet (PDF)

Go To PDF Page Download Datasheet
EB2-12NU Datasheet PDF - Kemet Corporation

Part # EB2-12NU
Download  EB2-12NU Click to download

File Size   1213.91 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Electronic switching systems

EB2-12NU Datasheet (HTML) - Kemet Corporation


EB2-12NU Product details

Overview
The KEMET EA2/EB2 miniature signal relays offer a compact case size in a flat package. Minimal board space is consumed with either a through-hole or surface mount confguration. These relays are recognized by UL and CSA, while also being compliant with Part 68 of the FCC’s 1,500 V surge capacity.

Benefts
• Low power consumption (< 200 mW)
• Compact and lightweight
• Low magnetic interference
• Breakdown voltage: 1,000 VAC (1,500 VAC surge), FCC Part 68 compliant
• Tube or embossed tape and reel packaging
• UL recognized (E73266) and CSA certifed (LR46266)
• Surface mount and through-hole options

Applications
• Electronic switching systems
• PBX
• Terminal equipment
• Telephone systems




Similar Part No. - EB2-12NU

ManufacturerPart #DatasheetDescription
logo
NEC
EB2-12SNU-N NEC-EB2-12SNU-N Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-12SNU-R NEC-EB2-12SNU-R Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-12SNUE-N NEC-EB2-12SNUE-N Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-12SNUE-R NEC-EB2-12SNUE-R Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
EB2-12SNUH-N NEC-EB2-12SNUH-N Datasheet
114Kb / 8P
COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
More results


Similar Description - EB2-12NU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
Electronic Volume Control for Car Stereo Systems
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
logo
Kemet Corporation
EE2-3SNU-L KEMET-EE2-3SNU-L Datasheet
2Mb / 18P
Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
Telecommunications switching systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com