Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2720AU Datasheet (PDF) - Dallas Semiconductor

DS2720AU Datasheet PDF - Dallas Semiconductor
Part # DS2720AU
Download  DS2720AU Download
File Size   252.81 Kbytes
Page   21 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC

DS2720AU Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2720AU Datasheet PDF - Dallas Semiconductor

Part # DS2720AU
Download  DS2720AU Click to download

File Size   252.81 Kbytes
Page   21 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC

DS2720AU Datasheet (HTML) - Dallas Semiconductor


DS2720AU Product details

DESCRIPTION
The DS2720 single-cell rechargeable Li+ protection IC provides electronic safety functions required for rechargeable Li+ applications including protecting the battery during charge, protection of the circuit from damage during periods of excess current flow and maximization of battery life by limiting the level of cell depletion. Protection is facilitated by electronically disconnecting the charge and discharge conduction path with switching devices such as low-cost N-channel power MOSFETs.

FEATURES
■ Rechargeable Lithium-Ion (Li+) Safety Circuit
    - Overvoltage Protection
    - Overcurrent/Short-Circuit Protection
    - Undervoltage Protection
    - Overtemperature Protection
■ Controls High-Side N-Channel Power MOSFETs Driven from 9V Charge Pump
■ System Power Management and Control Feature Support
■ Eight Bytes of Lockable EEPROM
■ Dallas 1-Wire® Interface with Unique 64-Bit Device Address
■ 8-Pin μSOP Package
■ Low Power Consumption:
    - Active Current: 12.5μA typ
    - Sleep Current: 1.5μA typ




Similar Part No. - DS2720AU

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2720AU MAXIM-DS2720AU Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
DS2720AU+ MAXIM-DS2720AU+ Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
DS2720AU+T&R MAXIM-DS2720AU+T&R Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
DS2720AU/T&R MAXIM-DS2720AU/T&R Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
More results


Similar Description - DS2720AU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS6821 ETC1-SS6821 Datasheet
151Kb / 10P
Single-cell Lithium-lon Battery Protection IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Power Sonic Corporation
PSL-FP-IFP027070180EC POWER-SONIC-PSL-FP-IFP027070180EC Datasheet
269Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFP30135185EC POWER-SONIC-PSL-FP-IFP30135185EC Datasheet
269Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFP36130200EC POWER-SONIC-PSL-FP-IFP36130200EC Datasheet
268Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR18650PC POWER-SONIC-PSL-FP-IFR18650PC Datasheet
407Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR26650EC POWER-SONIC-PSL-FP-IFR26650EC Datasheet
386Kb / 3P
Rechargeable Lithium Cell
PSL-FP-IFR26650PC POWER-SONIC-PSL-FP-IFR26650PC Datasheet
410Kb / 3P
Rechargeable Lithium Cell
logo
Shenzhen Huazhimei Semi...
HM5510D HMSEMI-HM5510D Datasheet
185Kb / 6P
Single cell lithium battery protection IC
logo
Maxim Integrated Produc...
DS2720 MAXIM-DS2720 Datasheet
176Kb / 21P
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC
080205
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com