Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7700V Datasheet (PDF) - List of Unclassifed Manufacturers

FA7700V Datasheet PDF - List of Unclassifed Manufacturers
Part # FA7700V
Download  FA7700V Download
File Size   182.5 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description For Switching Power Supply Control

FA7700V Datasheet (PDF)

Go To PDF Page Download Datasheet
FA7700V Datasheet PDF - List of Unclassifed Manufacturers

Part # FA7700V
Download  FA7700V Click to download

File Size   182.5 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description For Switching Power Supply Control

FA7700V Datasheet (HTML) - List of Unclassifed Manufacturers


FA7700V Product details

Description

FA7700V/FA7701V are the PWM type DC to DC converter control ICs with 1ch output that can directly drive power MOSFETs. CMOS devices with high breakdown voltage are used in these ICs and low power consumption is achieved. These ICs have the many functions equivalent to those which our conventional version bipolar ICs – FA76XX series- have,and have merits of output ON/OFF control function,directly driving Nch/Pch MOSFETs,low power consumption , higher frequency operation, and less external discrete components.



Features

• Wide range of supply voltage.: VCC=2.5 to 20V

• FA7700V—for boost, flyback converter (Maximum output duty cycle is 80%)

  FA7701V—for buck converter (Maximum output duty cycle is 100%)

• output stage consist of CMOS push-pull circuit, and achieves a high speed switching of external MOSFETs.

  (FA7700V: for Nch-MOSFET driving, FA7701V: for Pch-MOSFET driving)

• High accuracy reference voltage (Error amplifier): 0.88V±2%

• Soft start function.

• Adjustable built-in timer latch for short-circuit protection.

• Output ON/OFF control function

• Less external discrete components needed (2 components less than conventional version of the equivalent products)

• Low power consumption

   Stand-by current: 40μA(typ.)

   Operating current: 1.2mA(typ.) (including error amplifier output current and oscillator current)

• High frequency operation: 50kHz to 1MHz

• Package: TSSOP-8(thin and small)



 




Similar Part No. - FA7700V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
More results


Similar Description - FA7700V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
For Switching Power Supply Control
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA3686 ETC-FA3686 Datasheet
389Kb / 18P
For Switching Power Supply Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com