Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA044T Datasheet (PDF) - Rohm

DTA044T Datasheet PDF - Rohm
Part # DTA044T
Download  DTA044T Download
File Size   1326.17 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -60mA -50V Digital Transistor

DTA044T Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA044T Datasheet PDF - Rohm

Part # DTA044T
Download  DTA044T Click to download

File Size   1326.17 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description PNP -60mA -50V Digital Transistor

DTA044T Datasheet (HTML) - Rohm




Similar Part No. - DTA044T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA044TEB ROHM-DTA044TEB Datasheet
399Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTA044TM ROHM-DTA044TM Datasheet
399Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTA044TUB ROHM-DTA044TUB Datasheet
399Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
More results


Similar Description - DTA044T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
PNP -500mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
PNP -100mA -50V Digital Transistor
DTA114WUA ROHM-DTA114WUA Datasheet
1,023Kb / 8P
PNP -100mA -50V Digital Transistor
DTA114Y ROHM-DTA114Y Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
PNP -100mA -50V Digital Transistor
DTC044T ROHM-DTC044T Datasheet
1Mb / 9P
NPN 60mA 50V Digital Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com