Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-882125APH-M2ATFU Datasheet (PDF) - Seiko Instruments Inc

S-882125APH-M2ATFU Datasheet PDF - Seiko Instruments Inc
Part # S-882125APH-M2ATFU
Download  S-882125APH-M2ATFU Download
File Size   1245.4 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION

S-882125APH-M2ATFU Datasheet (PDF)

Go To PDF Page Download Datasheet
S-882125APH-M2ATFU Datasheet PDF - Seiko Instruments Inc

Part # S-882125APH-M2ATFU
Download  S-882125APH-M2ATFU Click to download

File Size   1245.4 Kbytes
Page   24 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description VOLTAGE REGULATION

S-882125APH-M2ATFU Datasheet (HTML) - Seiko Instruments Inc


S-882125APH-M2ATFU Product details

The S-8821 series is a CMOS boost charge pump DC-DC converter with a voltage regulation function.
The S-8821 series consists of an oscillation circuit, a controller, a reference voltage circuit, an error amplifier circuit, and an output switching transistor, and can regulate the output voltage by PFM control.
Since small ceramic capacitors can be used for the pump capacitor, input capacitor, and output capacitor, the mounting area can be minimized.

Features
• PFM control CMOS boost charge pump
• Power supply voltage: 1.6 to 5.0 V
• Output voltage: 2.5 to 5.5 V, selectable in 0.1 V steps.
• Output voltage accuracy: ±2 % max.
• Built-in soft start circuit: 1.0 ms typ.
• Output current 25 mA (VIN=(VOUT(S) × 0.80) V)
• Oscillation frequency: 1.0 MHz typ.
• ON/OFF function: During standby: 1 μA max.
• Lead-free, Sn 100%, halogen-free*1

Applications
• Lithium ion battery driven applications
• Local power supply
• Power supply for white LED display backlights




Similar Part No. - S-882125APH-M2ATFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-882125APH-M2ATFU SII-S-882125APH-M2ATFU Datasheet
1Mb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
logo
ABLIC Inc.
S-882125APH-M2ATFU ABLIC-S-882125APH-M2ATFU Datasheet
424Kb / 24P
VOLTAGE REGULATION BOOST CHARGE PUMP DC-DC CONVERTER
Rev.5.1_03
More results


Similar Description - S-882125APH-M2ATFU

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZTE255.1B ROHM-PTZTE255.1B Datasheet
154Kb / 5P
Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
Voltage Regulation
VDZT2R6.8B ROHM-VDZT2R6.8B Datasheet
142Kb / 5P
Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
Voltage regulation
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
Voltage regulation
KDZTR11B ROHM-KDZTR11B Datasheet
399Kb / 7P
Voltage regulation
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
Voltage regulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com