Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89STK-11 Datasheet (PDF) - ATMEL Corporation

AT89STK-11 Datasheet PDF - ATMEL Corporation
Part # AT89STK-11
Download  AT89STK-11 Download
File Size   874.85 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Stand-alone Board

AT89STK-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89STK-11 Datasheet PDF - ATMEL Corporation

Part # AT89STK-11
Download  AT89STK-11 Click to download

File Size   874.85 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Stand-alone Board

AT89STK-11 Datasheet (HTML) - ATMEL Corporation


AT89STK-11 Product details

Introduction
This document describes the AT89STK-11 board dedicated to the standard C51 microcontrollers with in-system programming.
All of the microcontroller I/Os are made available in an expansion area with prototyping facilities.

Features
■ Stand-alone Board
■ In-System Programmable (ISP) including ‘Auto ISP’ feature
■ On-board Voltage Regulator
■ Microcontroler on its sockets
   – PLCC44-pin package
■ On-board 3V or 5V power supply circuitry
   – from an external power connector
   – from an external battery
■ On-board RESET
■ Leds : Power, ALE, RS232 Rx and Tx
■ External MCU clock connector
■ External PCA clock connector
■ TWI, SPI and RS232 connectors
■ INT0 & INT1 Push-button
■ Expansion area with prototyping facilities
■ Commercial Temperature Range: 0 to +70°C Operating Temperature
■ Dimension: 95 mm x 120 mm




Similar Part No. - AT89STK-11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89STK-09 ATMEL-AT89STK-09 Datasheet
252Kb / 16P
AT89STK-09 Starter Kit for AT83C26 User Guide
More results


Similar Description - AT89STK-11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
Stand-alone OSD
1995 Jan 19
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
Stand-alone OSD
1995 Mar 30
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
STAND-ALONE MICROSEQUENCER
logo
Zarlink Semiconductor I...
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
Stand Alone Inclinometer
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
Stand Alone Inclinometer
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
Stand Alone Inclinometer
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
Stand-alone MP3 Decoder
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com