Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8002B Datasheet (PDF) - Intersil Corporation

ISL8002B Datasheet PDF - Intersil Corporation
Part # ISL8002B
Download  ISL8002B Download
File Size   1424.85 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact Synchronous Buck Regulator

ISL8002B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8002B Datasheet PDF - Intersil Corporation

Part # ISL8002B
Download  ISL8002B Click to download

File Size   1424.85 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Compact Synchronous Buck Regulator

ISL8002B Datasheet (HTML) - Intersil Corporation


ISL8002B Product details

The ISL8002B is a highly efficient, monolithic, synchronous
step-down DC/DC converter that can deliver up to 2A of
continuous output current from a 2.7V to 5.5V input supply. It
uses peak current mode control architecture to allow very low
duty cycle operation. ISL8002B operates at a 2MHz switching
frequency, thereby providing superior transient response and
allowing for the use of a small inductor. ISL8002B also has
excellent stability.
The ISL8002B integrates very low rDS(ON) MOSFETs in order to
maximize efficiency. In addition, since the high-side MOSFET is a
PMOS, the need for a boot capacitor is eliminated, thereby
reducing external component count.
The device can be configured for either PFM (discontinuous
conduction) or PWM (continuous conduction) operation at light
load. PFM provides high efficiency by reducing switching
losses at light loads and PWM for fast transient response,
which helps reduce the output noise and RF interference.
The device is offered in a space saving 8 Ld 2mmx2mm TDFN
Pb-free package with exposed pad for improved thermal
performance. The complete converter occupies less than
64mm2 area.

Features
• VIN range 2.7V to 5.5V
• IOUT maximum is 2A
• External soft-start programmable
• Output tracking and sequencing
• Switching frequency is 2MHz
• Selectable PFM or PWM operation option
• Overcurrent and short-circuit protection
• Over-temperature/thermal protection
• VIN undervoltage lockout and VOUT overvoltage protection
• Up to 95% peak efficiency

Applications
• General purpose POL
• Industrial, instrumentation and medical equipment
• FPGAs
• Telecom and networking equipment
• Game console




Similar Part No. - ISL8002B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8002BDEMO1Z RENESAS-ISL8002BDEMO1Z Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8002BFRZ-T RENESAS-ISL8002BFRZ-T Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8002BFRZ-T7A RENESAS-ISL8002BFRZ-T7A Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8002BIRZ-T RENESAS-ISL8002BIRZ-T Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
More results


Similar Description - ISL8002B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8023 INTERSIL-ISL8023_12 Datasheet
710Kb / 20P
Compact Synchronous Buck Regulator
May 17, 2012
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
Compact Synchronous Buck Regulators
February 20, 2013
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
Compact Synchronous Buck Regulator
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
Compact Synchronous Buck Regulators
Jun 24, 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com