Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78268 Datasheet (PDF) - Intersil Corporation

ISL78268 Datasheet PDF - Intersil Corporation
Part # ISL78268
Download  ISL78268 Download
File Size   1517.93 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 55V Synchronous Buck Controller with Integrated 3A Driver

ISL78268 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78268 Datasheet PDF - Intersil Corporation

Part # ISL78268
Download  ISL78268 Click to download

File Size   1517.93 Kbytes
Page   33 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 55V Synchronous Buck Controller with Integrated 3A Driver

ISL78268 Datasheet (HTML) - Intersil Corporation


ISL78268 Product details

The ISL78268 is a grade 1, automotive, synchronous buck
controller with integrated high/low side MOSFET drivers. It
supports a wide operating input voltage range of 5V to 55V
and up to 60V at VIN when not switching. The integrated driver
offers adaptive dead-time control and is capable of supplying
up to 2A sourcing and 3A sinking current, allowing the
ISL78268 to support power stages designed for a wide range
of loads, from under 1A to over 25A.
ISL78268’s fully synchronous architecture enables power
conversion with very high efficiency and improved thermal
performance over standard buck converters. The ISL78268 also
offers diode emulation mode for improved light load efficiency.
While ISL78268 is a peak current mode PWM controller, it
also includes a dedicated average output current modulation
loop, which achieves constant output current limiting for
applications such as battery charging, super-cap charging, and
temperature control systems where a constant current must
be provided.
The ISL78268 supports switching frequencies from 50kHz to
1.1MHz allowing the user the flexibility to trade-off switching
frequency and efficiency against the size of external
components.
The ISL78268 offers comprehensive protection features. It
includes robust current protection with cycle-by-cycle peak
current limiting, average current limiting, and a selectable
hiccup or latch-off fault responses. In addition, it offers
protection against over-temperature, as well as input and
output overvoltages.

Features
• Wide input range 5V to 55V (switching); withstand 60V
(non-switching)
• Integrated 2A sourcing, 3A sinking MOSFET drivers
• Constant current regulation/limiting - dedicated average
current control loop
• Adjustable switching frequency or external synchronization
from 50kHz up to 1.1MHz
• Low shutdown current, IQ <1µA
• Peak current mode control with adjustable slope
compensation
• Selectable diode emulation mode for high efficiency at light
load
• Input and output OVP, cycle-by-cycle current limiting,
average current OCP, OTP
• Selectable hiccup or latch-off fault responses
• Pb-free 24 Ld 4x4 QFN package (RoHS compliant)
• AEC-Q100 qualified

Applications
• Automotive power
• Telecom and industrial power supplies
• General purpose power
• Supercap charging




Similar Part No. - ISL78268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
ISL78268ARZ RENESAS-ISL78268ARZ Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
ISL78268EVAL1Z RENESAS-ISL78268EVAL1Z Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
More results


Similar Description - ISL78268

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
Integrated-Power Buck Converter Controller with Synchronous Rectification
1997 01
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
3A, 24V Input Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
logo
Monolithic Power System...
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
3A, 55V White LED Driver
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
International Rectifier
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
logo
Monolithic Power System...
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
3A,55V White LED Driver
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
55V Synchronous Buck Controller with Integrated 3A Driver
logo
Unisonic Technologies
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Renesas Technology Corp
ISL78264 RENESAS-ISL78264 Datasheet
1Mb / 33P
Automotive Dual Synchronous Buck Controller with Integrated Drivers
Oct 14, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com