Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL91108 Datasheet (PDF) - Intersil Corporation

ISL91108 Datasheet PDF - Intersil Corporation
Part # ISL91108
Download  ISL91108 Download
File Size   387.71 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency Buck-Boost Regulator with 4.2A Switches

ISL91108 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91108 Datasheet PDF - Intersil Corporation

Part # ISL91108
Download  ISL91108 Click to download

File Size   387.71 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Efficiency Buck-Boost Regulator with 4.2A Switches

ISL91108 Datasheet (HTML) - Intersil Corporation


ISL91108 Product details

The ISL91108 is a highly-integrated buck-boost switching
regulator that accepts input voltages either above or below the
regulated output voltage. Unlike other buck-boost regulators,
this regulator automatically transitions between operating
modes without significant output disturbance.
This device is capable of delivering up to 2.7A of burst current
(PVIN = 3V, VOUT = 3.3V), and provides excellent efficiency due
to its fully synchronous 4-switch architecture. No load
quiescent current of only 27.5µA also optimizes efficiency
under light-load conditions. Forced PWM and/or
synchronization to an external clock may also be selected for
noise sensitive applications.
The ISL91108 is designed for standalone applications and
supports a 3.3V fixed output voltage or variable output
voltages with an external resistor divider. Output voltages as
low as 1V or as high as 5.2V are supported using an external
resistor divider.
The ISL91108 requires only a single inductor and very few
external components. Power supply solution size is minimized
by a 2.34mmx1.72mm WLCSP and a 2.6MHz switching
frequency, which further reduces the size of external
components.

Features
• Accepts input voltages above or below regulated output
voltage
• Automatic and seamless transitions between buck and
boost modes
• Input voltage range: 1.8V to 5.5V
• Output current: up to 1.6A DC (PVIN = 2.8V, VOUT = 3.3V)
• Burst current: up to 2.7A (PVIN = 3V, VOUT = 3.3V, tON
<600µs, t = 4.6ms)
• High efficiency: up to 95%
• 27.5µA quiescent current maximizes light load efficiency
• 2.6MHz switching frequency minimizes external component
size
• Selectable forced PWM mode and external synchronization
• Fully protected for short-circuit, over-temperature, and
undervoltage
• Small 2.34mm x 1.72mm WLCSP

Applications
• Smartphones and tablets
• Wireless communication devices
• 2G/3G/4G power amplifiers




Similar Part No. - ISL91108

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91108IIA-EVZ RENESAS-ISL91108IIA-EVZ Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91108IIAZ-T RENESAS-ISL91108IIAZ-T Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91108IIAZ-T7A RENESAS-ISL91108IIAZ-T7A Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91108IIN-EVZ RENESAS-ISL91108IIN-EVZ Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
More results


Similar Description - ISL91108

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
March 2, 2015
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 9, 2016
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
logo
Monolithic Power System...
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
High Efficiency Buck-Boost Regulator with 3.6A Switches
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com