Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL99125B Datasheet (PDF) - Intersil Corporation

ISL99125B Datasheet PDF - Intersil Corporation
Part # ISL99125B
Download  ISL99125B Download
File Size   520.35 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A/35A DrMOS Module with Diode Emulation and PS4

ISL99125B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99125B Datasheet PDF - Intersil Corporation

Part # ISL99125B
Download  ISL99125B Click to download

File Size   520.35 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 25A/35A DrMOS Module with Diode Emulation and PS4

ISL99125B Datasheet (HTML) - Intersil Corporation


ISL99125B Product details

25A/35A DrMOS Module with Diode Emulation and PS4

The ISL99125B and ISL99135B are high-performance DrMOS power modules designed for high-frequency power conversion. By combining a high-performance FET driver and MOSFETs in an advanced package, high-density DC/DC converters may be created. Combined with an Intersil PWM controller, a complete voltage regulator solution can be created with reduced external components and minimum overall PCB real estate.
The ISL99125B and ISL99135B feature a three-state PWM input that, working together with Intersil’s 5V PWM controllers (such as ISL6398, ISL9585x, ISL637x, ISL633x, ISL636x, and ISL68201), will provide a robust solution in the event of abnormal operating conditions.

Features
• VIN range: 0V to 25V
• Current capability: 25A (ISL99125B), 35A (ISL99135B)
• Supports three-state 5.0V PWM input
• 0.5Ω ON-resistance and 4A sink current capability
• Diode emulation for enhanced light-load efficiency
• Ultra low shutdown supply current (3µA) for PS4 operation
• Low three-state hold-off time
• Adaptive shoot-through protection
• Integrated high-side gate-to-source resistor to prevent self
   turn-on due to high input bus dv/dt
• VCC undervoltage lockout
• Switching frequencies up to 2MHz
• Pb-free (RoHS compliant)
• 3.5x5 QFN 24 Ld package

Applications
• High-efficiency and high-density VRM and VRD
• Core, graphic, and memory regulators for microprocessors
• High-density VR for server, networking, and cloud computing
• POL DC/DC converters and video gaming consoles




Similar Part No. - ISL99125B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99125B RENESAS-ISL99125B Datasheet
779Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
Rev 4.00 January 24, 2017
ISL99125B RENESAS-ISL99125B Datasheet
930Kb / 18P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
Nov 22, 2023
ISL99125BDRZ-T RENESAS-ISL99125BDRZ-T Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results


Similar Description - ISL99125B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
35A DrMOS Power Module
AOZ5066 AOSMD-AOZ5066 Datasheet
826Kb / 16P
60A DrMOS Power Module
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
EEPROM Emulation with STR71x
22-Jul-2005
logo
Intersil Corporation
ISL99140IRZ INTERSIL-ISL99140IRZ Datasheet
455Kb / 14P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
May 5, 2014
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com