Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNA-486 Datasheet (PDF) - List of Unclassifed Manufacturers

SNA-486 Datasheet PDF - List of Unclassifed Manufacturers
Part # SNA-486
Download  SNA-486 Download
File Size   397.88 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER

SNA-486 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNA-486 Datasheet PDF - List of Unclassifed Manufacturers

Part # SNA-486
Download  SNA-486 Click to download

File Size   397.88 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER

SNA-486 Datasheet (HTML) - List of Unclassifed Manufacturers


SNA-486 Product details

[Sirenza]

Product Description
Sirenza Microdevices SNA-486 is a GaAs HBT MMIC Amplifier. A Darlington configuration is utilized for broadband performance up to 6.5 GHz. The heterojunction increases breakdown voltage and mimimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products. Typical IP3 at 850 MHz with 65mA is 32.3 dBm.

Product Features
• High Output IP3: 32.3 dBMm @ 850 MHz
• Cascaldable 50 Ohm Gain Block
• Patented GaAs HBT Technology
• Operates From Single Supply

Applications
• Cellular, PCS, CDPD, Wireless Data, SONET




Similar Part No. - SNA-486

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-400 SIRENZA-SNA-400 Datasheet
240Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR1 STANFORD-SNA-476-TR1 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR2 STANFORD-SNA-476-TR2 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-476-TR3 STANFORD-SNA-476-TR3 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
More results


Similar Description - SNA-486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-676 STANFORD-SNA-676 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 SIRENZA-SNA-200 Datasheet
173Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com