Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD8038VA Datasheet (PDF) - ORION FANS

OD8038VA Datasheet PDF - ORION FANS
Part # OD8038VA_16
Download  OD8038VA Download
File Size   329.76 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??

OD8038VA Datasheet (PDF)

Go To PDF Page Download Datasheet
OD8038VA Datasheet PDF - ORION FANS

Part # OD8038VA_16
Download  OD8038VA Click to download

File Size   329.76 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??

OD8038VA Datasheet (HTML) - ORION FANS




Similar Part No. - OD8038VA_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038VA ORIONFANS-OD8038VA Datasheet
365Kb / 1P
DC Fan - Vaneaxial
More results


Similar Description - OD8038VA_16

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038 ORIONFANS-OD8038 Datasheet
364Kb / 1P
DC Fan - Vaneaxial 80x38mm (3.15' x 1.5')
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD8038 ORIONFANS-OD8038_16 Datasheet
400Kb / 1P
DC Fan - 12, 24V 80x38mm (3.15?쓝 1.5??
OD8038-12HBXE10A ORIONFANS-OD8038-12HBXE10A Datasheet
695Kb / 1P
DC Fan, 12VDC 80x38mm (3.15?쓝 1.5??
OD8038-48HBXE10A ORIONFANS-OD8038-48HBXE10A Datasheet
602Kb / 1P
DC Fan, 48VDC 80x38mm (3.15?쓝 1.5??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com