Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44864 Datasheet (PDF) - Motorola, Inc

MC44864 Datasheet PDF - Motorola, Inc
Part # MC44864
Download  MC44864 Download
File Size   207.26 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS

MC44864 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC44864 Datasheet PDF - Motorola, Inc

Part # MC44864
Download  MC44864 Click to download

File Size   207.26 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND D/A CONVERTERS

MC44864 Datasheet (HTML) - Motorola, Inc


MC44864 Product details

PLL Tuning Circuit with 1.3 GHz Prescaler and D/A Converters for Automatic Tuner Alignment



The MC44864 is a tuning circuit for TV applications. This device contains a PLL section and a DAC section and is MCU controlled through an I2C Bus. The PLL section contains all the functions required to control the VCO of a TV tuner. The IC generates the tuning voltage and the additional control signals, such as band switching voltages.



•Complete Single Chip System for MPU Control

•Selectable ÷8 Prescaler Accepts Frequencies up to 1.3 GHz

•15 Bit Programmable Divider Accepts Input Frequencies up to 165 MHz

•Programmable Reference Divider

•3–State Phase/Frequency Comparator

•Operational Amplifier for Direct Varactor Control with Low Saturation Voltage

•Four Output Buffers (15 mA)

•Output Options for 62.5 kHz, Reference Frequency and the Programmable Divider

•The HF Input is Symmetrical

•Three 6 Bit DACs for Automatic Tuner Adjustment Allowing Use of Non–Matched Varactors

•Better Tuner Performances Through Optimum Filter Response

•I2C Bus Controlled

•Four Chip Addresses for the PLL Section

•Four Chip Addresses for the D/A Section

•ESD Protected to MIL–STD–883C, Method 3015.7 (2,000 V, 1.5 kΩ, 150 pF)



 




Similar Part No. - MC44864

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
PLL Tuning Circuit with 1.3GHz Prescaler
MC44802AP MOTOROLA-MC44802AP Datasheet
467Kb / 7P
PLL Tuning Circuit with 1.3GHz Prescaler
MC44817 MOTOROLA-MC44817 Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
MC44817B MOTOROLA-MC44817B Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
MC44817BD MOTOROLA-MC44817BD Datasheet
112Kb / 8P
PLL Tuning Circuits with 3-Wire Bus
More results


Similar Description - MC44864

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Sanyo Semicon Device
LB3500 SANYO-LB3500 Datasheet
50Kb / 2P
1/8 Prescaler for PLL Electronic Tuning
logo
Siemens Semiconductor G...
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U847BST TEMIC-U847BST Datasheet
54Kb / 5P
1.3-GHz Prescaler for CATV Tuners
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
PLL Tuning Circuit with 1.3GHz Prescaler
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44826 MOTOROLA-MC44826 Datasheet
140Kb / 8P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44829 MOTOROLA-MC44829 Datasheet
140Kb / 10P
TV AND VCR I2C PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND MIX/OSC DECODER
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com