Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS851 Datasheet (PDF) - Toshiba Semiconductor

TPS851 Datasheet PDF - Toshiba Semiconductor
Part # TPS851
Download  TPS851 Download
File Size   203.11 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photo IC Silicon Epitaxial Planar

TPS851 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS851 Datasheet PDF - Toshiba Semiconductor

Part # TPS851
Download  TPS851 Click to download

File Size   203.11 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photo IC Silicon Epitaxial Planar

TPS851 Datasheet (HTML) - Toshiba Semiconductor


TPS851 Product details

Mobile Phones, PHS
Notebook PCs, PDAs
Video cameras, Digital Still Cameras
Other Equipment Requiring Luminosity Adjustment

The TPS851 is an ultra-compact surface-mount photo-IC for illuminance sensors which incorporates a photodiode and current amp circuit in a single chip.
The sensitivity is superior to that of a phototransistor, and exhibits little variation.
It has spectral sensitivity closer to luminous efficiency and excellent output linearity.
With its ultra-compact surface-mount package, this photo-IC can be used as the power-saving control for domestic appliances or for backlighting for displays in cellular phones, this device enables low power consumption to be achieved.

• Ultra-compact and light surface-mount package:
   2.0mm × 2.1mm × 0.7 mm
• Excellent output linearity of illuminance
• Little fluctuation in light current and high level of sensitivity:
   • IL = 37 μA to 74 μA @EV = 100 lx using fluorescent light
   • Light current variation width = ×1.67 (when light current
      classification is specified.)
   • Little temperature fluctuation
• Built-in luminous-efficiency correction function, reduced sensitivity variations due to various light sources:
   IL (using incandescent light)/IL (using fluorescent light) = 1.2 (typ.)
• Low supply voltage, making device suitable for battery-powered equipment: VCC = 2.7 V to 5.5 V




Similar Part No. - TPS851

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS851 TOSHIBA-TPS851 Datasheet
272Kb / 12P
Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
Silicon Epitaxial Planar
More results


Similar Description - TPS851

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS818 TOSHIBA-TPS818 Datasheet
128Kb / 5P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
PHOTO IC SILICON EPITAXIAL PLANAR
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
Photo-IC Silicon Epitaxial Planar
TPS859 TOSHIBA-TPS859 Datasheet
283Kb / 13P
TOSHIBA Photo IC Silicon Epitaxial Planar
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com