Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA5667HL Datasheet (PDF) - NXP Semiconductors

SAA5667HL Datasheet PDF - NXP Semiconductors
Part # SAA5667HL
Download  SAA5667HL Download
File Size   450.79 Kbytes
Page   112 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced TV microcontrollers with On-Screen Display (OSD)

SAA5667HL Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5667HL Datasheet PDF - NXP Semiconductors

Part # SAA5667HL
Download  SAA5667HL Click to download

File Size   450.79 Kbytes
Page   112 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Enhanced TV microcontrollers with On-Screen Display (OSD)

SAA5667HL Datasheet (HTML) - NXP Semiconductors


SAA5667HL Product details

GENERAL DESCRIPTION
The SAA56xx family of microcontrollers are a derivative of the Philips industry-standard 80C51 microcontroller and are intended for use as the central control mechanism in a television receiver. They provide control functions for the television system, OSD and incorporate an integrated Data Capture and display function for either Teletext or Closed Caption.

FEATURES
• Single-chip higher frequency microcontroller with integrated On-Screen Display (OSD)
• Versions available with integrated Data Capture
• Both active HIGH and active LOW reset pins
• OTP memory for both Program ROM and character sets
• In-System Programming (ISP) option for the embedded OTP memories using IEEE1149 (JTAG: Joint Test Action Group) interface
• Single power supply: 3.0 to 3.6 V
• 5 V tolerant digital inputs and I/O
• 32 I/O ports via individual addressable controls
• Larger Character ROM, up to 1020 characters of 12 × 10 pixels
• Smoothing capability on sized characters
• Programmable I/O for push-pull, open-drain and quasi-bidirectional and high-impedance
• Two port lines with 8 mA sink (at <0.4 V) capability, for direct drive of LED
• Single crystal oscillator for microcontroller, OSD and Data Capture
• Power reduction modes: Idle, Standby and Power-down
• Byte level I2C-bus up to 400 kHz dual port I/O
• 64 Dynamically Redefinable Characters for OSDs
• Increased special graphic characters allowing four colours per character
• Selectable character height 9, 10, 13 and 16 TV lines
• Pin compatibility throughout family
• Operating temperature: −20 to +70 °C




Similar Part No. - SAA5667HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5675HL PHILIPS-SAA5675HL Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5677HL PHILIPS-SAA5677HL Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5695HL PHILIPS-SAA5695HL Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA5697HL PHILIPS-SAA5697HL Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
More results


Similar Description - SAA5667HL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
140 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
Color TV ON-Screen Display Interface
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
Enhanced Super On-Screen Display
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
Enhanced On-Screen-Display Controller
logo
NXP Semiconductors
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
logo
Motorola, Inc
MC141541 MOTOROLA-MC141541 Datasheet
303Kb / 16P
Enhanced Monitor On-Screen Display
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com