Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYBLE-224116-01 Datasheet (PDF) - Cypress Semiconductor

CYBLE-224116-01 Datasheet PDF - Cypress Semiconductor
Part # CYBLE-224116-01
Download  CYBLE-224116-01 Download
File Size   4346.91 Kbytes
Page   46 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)

CYBLE-224116-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYBLE-224116-01 Datasheet PDF - Cypress Semiconductor

Part # CYBLE-224116-01
Download  CYBLE-224116-01 Click to download

File Size   4346.91 Kbytes
Page   46 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)

CYBLE-224116-01 Datasheet (HTML) - Cypress Semiconductor




Similar Part No. - CYBLE-224116-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYBLE-224110-00 CYPRESS-CYBLE-224110-00 Datasheet
1Mb / 43P
EZ-BLE??PSoC짰 XT/XR Module
CYBLE-224110-EVAL CYPRESS-CYBLE-224110-EVAL Datasheet
3Mb / 2P
EZ-BLE PSOC EVALUATION BOARD
More results


Similar Description - CYBLE-224116-01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN248WAL PANASONIC-LN248WAL Datasheet
29Kb / 1P
5.0 mm 횞 2.0 mm Series
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
1.75 mm 횞 7.0 mm
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-212020-01 CYPRESS-CYBLE-212020-01 Datasheet
3Mb / 37P
Module size: 14.52 mm 횞19.20 mm 횞 2.00 mm (with shield)
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com