Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343 Datasheet (PDF) - Rohm

SLR-343 Datasheet PDF - Rohm
Part # SLR-343
Download  SLR-343 Download
File Size   247.9 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS

SLR-343 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR-343 Datasheet PDF - Rohm

Part # SLR-343
Download  SLR-343 Click to download

File Size   247.9 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS

SLR-343 Datasheet (HTML) - Rohm


SLR-343 Product details

Features
• Viewing angle 2θ 1/2 : 40°
• Competent to direct mount




Similar Part No. - SLR-343

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343 ROHM-SLR-343 Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
54Kb / 6P
Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
Competent to direct mount
SLR-343DC ROHM-SLR-343DC Datasheet
176Kb / 5P
SLR-343 Series
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
Electrical Characteristics Curves
More results


Similar Description - SLR-343

ManufacturerPart #DatasheetDescription
logo
Rohm
SLB-25 ROHM-SLB-25 Datasheet
227Kb / 3P
Standard Type Square Type LED Lamps
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
Dual-Color Type 3.1 Circular Type LED Lamps
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
Dual-Color Type 5.0 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
High Brightness Type PI 3.1 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
High Brightness Type pi=5.0 Circular Type LED Lamps
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
High Brightness Type 3.1 Circular Type LED Lamps
SLI-343W ROHM-SLI-343W Datasheet
219Kb / 3P
Low Current Type 3.1 Circular Type LED Lamps
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
3.1(T-1) Circular Type High Brightness Type
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com